Electronic Components Datasheet Search
  English  ▼

X  

UM1839 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1839
Description  demonstration board for STGAP1S galvanically
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1839 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1839 Datasheet HTML 1Page - STMicroelectronics UM1839 Datasheet HTML 2Page - STMicroelectronics UM1839 Datasheet HTML 3Page - STMicroelectronics UM1839 Datasheet HTML 4Page - STMicroelectronics UM1839 Datasheet HTML 5Page - STMicroelectronics UM1839 Datasheet HTML 6Page - STMicroelectronics UM1839 Datasheet HTML 7Page - STMicroelectronics UM1839 Datasheet HTML 8Page - STMicroelectronics UM1839 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
November 2014
DocID027168 Rev 1
1/18
18
UM1839
User manual
EVALSTGAP1S: demonstration board for STGAP1S galvanically
isolated single gate driver
Introduction
The STGAP1S gapDRIVE™ is a galvanically isolated single gate driver for N-channel
MOSFETs and IGBTs with advanced protection, configuration and diagnostic features. The
architecture of the STGAP1S isolates the channel from the control and the low voltage
interface circuitry through a true galvanic isolation.
The EVALSTGAP1S board allows evaluating all of the STGAP1S features while driving
a power switch with a voltage rating up to 1500 V. Power switches in both TO-220 and
TO-247 packages can be evaluated, and the board allows the connection of a heatsink in
order to exploit the ability of the STGAP1S to handle very high power applications.
In combination with the STEVAL-PCC009V2 communication board and the gapDRIVE™
evaluation software, the board allows to easily enable, configure or disable all of the driver's
protection and control features through the SPI interface. Advanced diagnostic is also
available thanks to the driver's status registers that can be accessed through the SPI.
Multiple boards can be connected together and share the same logic supply voltage and
control signals in order to evaluate half bridge, interleaved or even more complex
topologies. The board allows implementing the SPI daisy chain when more than one device
is used.
Figure 1. EVALSTGAP1S demonstration board
www.st.com


Similar Part No. - UM1839

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1833 STMICROELECTRONICS-UM1833 Datasheet
874Kb / 8P
Getting started with the STCOMET development environment
21-Oct-2014
UM1836 STMICROELECTRONICS-UM1836 Datasheet
165Kb / 16P
STSW-BAT001 open source driver for the STC3115
10-Dec-2014
More results

Similar Description - UM1839

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
Demonstration Board for the TMC2193
TMC2069P7C FAIRCHILD-TMC2069P7C Datasheet
87Kb / 12P
Demonstration Board for the TMC3003 DAC
logo
Vishay Siliconix
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
Demonstration Board
12-Jun-06
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
logo
Cirrus Logic
DB62 APEX-DB62 Datasheet
540Kb / 6P
DEMONSTRATION BOARD FOR SA305EX
logo
Winbond
ES302 WINBOND-ES302 Datasheet
362Kb / 4P
ES302 DEMONSTRATION BOARD
logo
STMicroelectronics
STEVAL-MKI126V3 STMICROELECTRONICS-STEVAL-MKI126V3 Datasheet
568Kb / 9P
STSmartVoice demonstration board
18-Sep-2012
AN2722 STMICROELECTRONICS-AN2722 Datasheet
870Kb / 16P
Demonstration board user guidelines for the
13-Mar-2009
AN2787 STMICROELECTRONICS-AN2787 Datasheet
2Mb / 37P
Monolithic VR demonstration board for chipset
05-Sep-2008
UM2120 STMICROELECTRONICS-UM2120 Datasheet
2Mb / 18P
EVALSTGAP1AS: demonstration board for STGAP1AS galvanically isolated single gate driver
03-Nov-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com