Electronic Components Datasheet Search
  English  ▼

X  

UM1839 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1839
Description  demonstration board for STGAP1S galvanically
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1839 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1839 Datasheet HTML 8Page - STMicroelectronics UM1839 Datasheet HTML 9Page - STMicroelectronics UM1839 Datasheet HTML 10Page - STMicroelectronics UM1839 Datasheet HTML 11Page - STMicroelectronics UM1839 Datasheet HTML 12Page - STMicroelectronics UM1839 Datasheet HTML 13Page - STMicroelectronics UM1839 Datasheet HTML 14Page - STMicroelectronics UM1839 Datasheet HTML 15Page - STMicroelectronics UM1839 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Getting started
UM1839
12/18
DocID027168 Rev 1
If you have only one PWM signal available:
–
To have gate output in phase with input command: PWM on IN+ and IN- = GND
–
To have gate output out of phase with input command: PWM on IN- and
IN+ = VDD
3.2.3
Connection to STEVAL-PCC009V2 interface board
The EVALSTGAP1S shall be connected to the interface board and the following steps
performed:
1.
Connect the interface board to the PC through the USB cable: the red LED (POWER -
D2) turns on
2.
Connect the interface board 10-pin connector to the EVALSTGAP1S J4 connector
through the 10-pin flat cable
The DIAG1 red LED (DL2) on the EVALSTGAP1S turns-on
3.
Connect the power supply to VH of the EVALSTGAP1S (J2 connector) and turn it on
4.
Start the EVALSTGAP1S evaluation software
5.
Click the icon 'Connect' on the top left side of the GUI window to establish a connection
between the EVALSTGAP1S and interface boards (see Figure 9)
The DIAG1 LED (DL2) on the EVALSTGAP1S is switched off
6.
Press the 'Refresh' button and verify all fault lights are off. If OK jump to the next point,
otherwise two options are available to clear the faults and make the device operative:
a)
Perform a double transition on SD (high => low => high) clicking on the SD button
b)
Perform a status reset clicking on the 'Reset' button and after set the SD button to
'High'
7.
Set the SD button to 'High'
8.
Connect IN- to GND and applying the PWM on IN+, the device outputs will follow the
input signal
In order to read the device status, use the 'Refresh' button to update the status indicators
according to driver's status registers.
To customize the device parameters and functions open the 'STGAP1S configuration' panel
pushing the relative toolbar icon (refer to Figure 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com