Electronic Components Datasheet Search
  English  ▼

X  

UM1839 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1839
Description  demonstration board for STGAP1S galvanically
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1839 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1839 Datasheet HTML 1Page - STMicroelectronics UM1839 Datasheet HTML 2Page - STMicroelectronics UM1839 Datasheet HTML 3Page - STMicroelectronics UM1839 Datasheet HTML 4Page - STMicroelectronics UM1839 Datasheet HTML 5Page - STMicroelectronics UM1839 Datasheet HTML 6Page - STMicroelectronics UM1839 Datasheet HTML 7Page - STMicroelectronics UM1839 Datasheet HTML 8Page - STMicroelectronics UM1839 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID027168 Rev 1
5/18
UM1839
Hardware description and configuration
18
.
Table 3. Jumper descriptions
Name
Type
Function
JP1, JP2 Configuration jumpers IN- and IN+ sharing in 2-board configuration.
JP3
Configuration jumper
For SPI daisy chaining in 2-board configuration.
JP4
Configuration jumper
To feed the STGAP1S with VDD voltage coming from the µC
board.
JP5
Configuration jumper
To connect VL and GNDISO if an optional negative power supply
VL is not used.
JP6
Configuration jumper
To connect VDD and Vreg when working with VDD = 3.3 V.
JP7
Configuration jumper
To bypass shunt resistors when SENSE is not used.
Table 4. Jumper configurations for VDD power supply(1)
1. Input signals logic levels shall be coherent with VDD voltage (3.3\5 V).
Operating voltage
Supply voltage source
Jumper configurations
VDD = 5 V
External power supply
(from J6)
JP4 = OPEN
JP6 = OPEN
VDD = 3.3 V
External power supply
(from J6)
JP4 = OPEN
JP6 = CLOSED
VDD = 3.3 V
µC supply voltage
(from J4)
JP4 = CLOSED
JP6 = CLOSED
Table 5. Jumper configurations for VL power supply
Operating voltage
Supply voltage source
Jumper configurations
-10 V ≤ VL < 0 V
External power supply (J2)
JP5 = OPEN
VL not used
VL = GNDISO
JP5 = CLOSED
Table 6. Jumper configurations for SPI and input signals settings
(single EVALSTGAP1S)
Name
Function
Jumper configurations
JP1
IN+ connection to the optional slave
EVALSTGAP1S
DON'T CARE
JP2
IN-/DIAG2 connection to the optional
slave EVALSTGAP1S
DON'T CARE
JP3
Connects the SDO to the µC
CLOSED
Table 7. Jumper configurations for SENSE
SENSE function
Jumper configurations
Used
JP7 = OPEN
Not used
JP7 = CLOSED(1)
1. This configuration is preferred (but not mandatory) to avoid dissipating power on shunt resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com