Electronic Components Datasheet Search
  English  ▼

X  

LT1363 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1363
Description  70MHz, 1000V/s Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1363 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1363 Datasheet HTML 3Page - Linear Technology LT1363 Datasheet HTML 4Page - Linear Technology LT1363 Datasheet HTML 5Page - Linear Technology LT1363 Datasheet HTML 6Page - Linear Technology LT1363 Datasheet HTML 7Page - Linear Technology LT1363 Datasheet HTML 8Page - Linear Technology LT1363 Datasheet HTML 9Page - Linear Technology LT1363 Datasheet HTML 10Page - Linear Technology LT1363 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1363
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency Response vs
Capacitive Load
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
1M
–15
–9
–12
15
100M
1363 G19
3
–3
10M
9
–6
6
0
12
VS = ±15V
TA = 25°C
AV = –1
C = 1000pF
C = 500pF
C = 100pF
C = 50pF
C = 0
FREQUENCY (Hz)
0
40
20
100
80
60
100k
1M
1k
10k
100
10M
100M
1363 G20
VS = ±15V
TA = 25°C
+PSRR
– PSRR
FREQUENCY (Hz)
0
40
20
120
100
80
60
1k
100M
10M
1M
100k
10k
1363 G21
VS = ±15V
TA = 25°C
SUPPLY VOLTAGE (
±V)
0
600
400
200
2200
1600
1800
2000
2400
1400
1200
1000
800
015
10
5
1363 G22
TA = 25°C
AV = –1
RF = RG = 1k
SR =
SR+ + SR–
—————
2
Slew Rate vs Supply Voltage
Slew Rate vs Input Level
Slew Rate vs Temperature
TEMPERATURE (
°C)
200
400
1400
1200
600
800
1000
– 50
–25
25
100
125
50
75
0
1363 G23
SR+ + SR–
SR = —————
2
VS = ±5V
VS = ±15V
AV = –2
INPUT LEVEL (VP-P)
0
400
600
200
2000
1800
1600
1400
800
1200
1000
0
8
16
20
12
4
210
18
14
6
1363 G24
TA = 25°C
VS = ±15V
AV = –1
RF = RG = 1k
SR =
SR+ + SR–
—————
2
Gain Bandwidth and Phase
Margin vs Temperature
TEMPERATURE (
°C)
30
50
130
110
70
90
40
120
100
60
80
0
5
10
50
45
35
40
20
25
15
30
– 50
–25
25
100
125
50
75
0
1363 G16
PHASE MARGIN
VS = ±5V
GAIN BANDWIDTH
VS = ±5V
PHASE MARGIN
VS = ±15V
GAIN BANDWIDTH
VS = ±15V
Frequency Response vs
Supply Voltage (AV = –1)
FREQUENCY (Hz)
100k
–5
–3
–4
5
1M
100M
1363 G18
1
–1
10M
3
–2
2
0
4
±15V
±2.5V
TA = 25°C
AV = –1
RF = RG = 1k
±5V
Frequency Response vs
Supply Voltage (AV = 1)
FREQUENCY (Hz)
100k
–10
–6
–8
10
1M
100M
1363 G17
2
–2
10M
6
–4
4
0
8
±15V
±2.5V
TA = 25°C
AV = 1
RL = 1k
±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com