Electronic Components Datasheet Search
  English  ▼

X  

LT1363 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1363
Description  70MHz, 1000V/s Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1363 Datasheet(HTML) 3 Page - Linear Technology

  LT1363 Datasheet HTML 1Page - Linear Technology LT1363 Datasheet HTML 2Page - Linear Technology LT1363 Datasheet HTML 3Page - Linear Technology LT1363 Datasheet HTML 4Page - Linear Technology LT1363 Datasheet HTML 5Page - Linear Technology LT1363 Datasheet HTML 6Page - Linear Technology LT1363 Datasheet HTML 7Page - Linear Technology LT1363 Datasheet HTML 8Page - Linear Technology LT1363 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1363
VOUT
Output Swing
RL = 1k, VIN = ±40mV
±15V
13.5
14.0
±V
RL = 500Ω, VIN = ±40mV
±15V
13.0
13.7
±V
RL = 500Ω, VIN = ±40mV
±5V
3.5
4.1
±V
RL = 150Ω, VIN = ±40mV
±5V
3.4
3.8
±V
RL = 500Ω, VIN = ±40mV
±2.5V
1.3
1.7
±V
IOUT
Output Current
VOUT = ±7.5V
±15V
50
60
mA
VOUT = ±3.4V
±5V
23
29
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±3V
±15V
70
105
mA
SR
Slew Rate
AV = –2, (Note 5)
±15V
750
1000
V/
µs
±5V
300
450
V/
µs
Full Power Bandwidth
10V Peak, (Note 6)
±15V
15.9
MHz
3V Peak, (Note 6)
±5V
23.9
MHz
GBW
Gain Bandwidth
f = 1MHz
±15V
70
MHz
±5V
50
MHz
±2.5V
40
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10%-90%, 0.1V
±15V
2.6
ns
±5V
3.6
ns
Overshoot
AV = 1, 0.1V
±15V
36
%
±5V
23
%
Propagation Delay
50% VIN to 50% VOUT, 0.1V
±15V
4.6
ns
±5V
5.6
ns
ts
Settling Time
10V Step, 0.1%, AV = –1
±15V
50
ns
10V Step, 0.01%, AV = –1
±15V
80
ns
5V Step, 0.1%, AV = –1
±5V
55
ns
Differential Gain
f = 3.58MHz, AV = 2, RL = 150Ω±15V
0.03
%
±5V
0.06
%
f = 3.58MHz, AV = 2, RL = 1k
±15V
0.01
%
±5V
0.01
%
Differential Phase
f = 3.58MHz, AV = 2, RL = 150Ω±15V
0.10
Deg
±5V
0.04
Deg
f = 3.58MHz, AV = 2, RL = 1k
±15V
0.05
Deg
±5V
0.25
Deg
RO
Output Resistance
AV = 1, f = 1MHz
±15V
0.7
Ω
IS
Supply Current
±15V
6.3
7.5
mA
±5V
6.0
7.2
mA
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
TA = 25°C, VCM = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
±15V
q
2.0
mV
±5V
q
2.0
mV
±2.5V
q
2.2
mV
Input VOS Drift
(Note 7)
±2.5V to ±15V
q
10
13
µV/°C
IOS
Input Offset Current
±2.5V to ±15V
q
500
nA
IB
Input Bias Current
±2.5V to ±15V
q
3
µA
CMRR
Common Mode Rejection Ratio
VCM = ±12V
±15V
q
82
dB
VCM = ±2.5V
±5V
q
74
dB
VCM = ±0.5V
±2.5V
q
64
dB
The q denotes the specifications which apply over the temperature range 0
°C ≤ TA ≤ 70°C, VCM = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com