Electronic Components Datasheet Search
  English  ▼

X  

LT1363 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1363
Description  70MHz, 1000V/s Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1363 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1363 Datasheet HTML 4Page - Linear Technology LT1363 Datasheet HTML 5Page - Linear Technology LT1363 Datasheet HTML 6Page - Linear Technology LT1363 Datasheet HTML 7Page - Linear Technology LT1363 Datasheet HTML 8Page - Linear Technology LT1363 Datasheet HTML 9Page - Linear Technology LT1363 Datasheet HTML 10Page - Linear Technology LT1363 Datasheet HTML 11Page - Linear Technology LT1363 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1363
TYPICAL PERFORMANCE CHARACTERISTICS
2nd and 3rd Harmonic Distortion
vs Frequency
Small-Signal Transient
(AV = 1)
Small-Signal Transient
(AV = –1, CL = 200pF)
Small-Signal Transient
(AV = –1)
1363 TA31
1363 TA32
1363 TA33
Differential Gain and Phase
vs Supply Voltage
Capacitive Load Handling
FREQUENCY (Hz)
100k 200k
400k
–100
–90
–80
–70
–60
–50
–40
10M
1363 G28
1M
2M
4M
VS = ±15V
VO = 2VP-P
RL = 500Ω
AV = 2
3RD HARMONIC
2ND HARMONIC
SUPPLY VOLTAGE (V)
0.0
0.2
0.1
0.3
0.2
0.1
0
±10
±5
±15
1363 G29
DIFFERENTIAL GAIN
DIFFERENTIAL PHASE
AV = 2
RL = 150Ω
TA = 25°C
CAPACITIVE LOAD (F)
10p
0
100
1
µ
1363 G30
1000p
0.01
µ
50
100p
0.1
µ
AV = 1
AV = –1
TA = 25°C
VS = ±15V
Undistorted Output Swing vs
Frequency (
±5V)
Undistorted Output Swing vs
Frequency (
±15V)
Total Harmonic Distortion
vs Frequency
FREQUENCY (Hz)
10
0.0001
0.01
100
100k
1363 G25
1k
0.001
10k
AV = –1
AV = 1
TA = 25°C
VO = 3VRMS
RL = 500Ω
FREQUENCY (Hz)
100k
1M
0
30
10M
1363 G26
15
5
10
25
20
AV = –1
AV = 1
VS = ±15V
RL = 1k
AV = 1, 1% MAX DISTORTION
AV = –1, 2% MAX DISTORTION
FREQUENCY (Hz)
100k
1M
0
10
10M
1363 G27
6
2
4
8
AV = –1
AV = 1
VS = ±5V
RL = 1k
2% MAX DISTORTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com