Electronic Components Datasheet Search
  English  ▼

X  

LT1363 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1363
Description  70MHz, 1000V/s Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1363 Datasheet(HTML) 1 Page - Linear Technology

  LT1363 Datasheet HTML 1Page - Linear Technology LT1363 Datasheet HTML 2Page - Linear Technology LT1363 Datasheet HTML 3Page - Linear Technology LT1363 Datasheet HTML 4Page - Linear Technology LT1363 Datasheet HTML 5Page - Linear Technology LT1363 Datasheet HTML 6Page - Linear Technology LT1363 Datasheet HTML 7Page - Linear Technology LT1363 Datasheet HTML 8Page - Linear Technology LT1363 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1363
70MHz, 1000V/
µs Op Amp
s
Wideband Amplifiers
s
Buffers
s
Active Filters
s
Video and RF Amplification
s
Cable Drivers
s
Data Acquisition Systems
s
70MHz Gain Bandwidth
s
1000V/
µs Slew Rate
s
7.5mA Maximum Supply Current
s
9nV/
√Hz Input Noise Voltage
s
Unity-Gain Stable
s
C-Load
TM Op Amp Drives All Capacitive Loads
s
1.5mV Maximum Input Offset Voltage
s
2
µA Maximum Input Bias Current
s
350nA Maximum Input Offset Current
s
50mA Minimum Output Current
s
±7.5V Minimum Output Swing into 150Ω
s
4.5V/mV Minimum DC Gain, RL=1k
s
50ns Settling Time to 0.1%, 10V Step
s
0.06% Differential Gain, AV=2, RL=150Ω
s
0.04
° Differential Phase, AV=2, RL=150Ω
s
Specified at
±2.5V, ±5V, and ±15V
The LT1363 is a high speed, very high slew rate opera-
tional amplifier with excellent DC performance. The LT1363
features reduced supply current, lower input offset volt-
age, lower input bias current and higher DC gain than
devices with comparable bandwidth. The circuit topology
is a voltage feedback amplifier with the slewing character-
istics of a current feedback amplifier. The amplifier is a
single gain stage with outstanding settling characteristics
which makes the circuit an ideal choice for data acquisition
systems. The output drives a 150
Ω load to ±7.5V with
±15Vsuppliesandto±3.4Von±5Vsupplies.Theamplifier
is also capable of driving any capacitive load which makes
it useful in buffer or cable driver applications.
The LT1363 is a member of a family of fast, high perfor-
mance amplifiers using this unique topology and
employing Linear Technology Corporation’s advanced
bipolar complementary processing. For dual and quad
amplifier versions of the LT1363 see the LT1364/1365
data sheet. For 50MHz amplifiers with 4mA of supply
current per amplifier see the LT1360 and LT1361/1362
data sheets. For lower supply current amplifiers with
bandwidths of 12MHz and 25MHz see the LT1354 through
LT1359 data sheets. Singles, duals, and quads of each
amplifier are available.
Cable Driver Frequency Response
AV = –1 Large-Signal Response
1363 TA02
FREQUENCY (MHz)
1
–8
–6
–4
–2
0
2
100
1363 TA01
10
VS = ±10V
VS = ±5V
VS = ±2.5V
VS = ±15V
–
+
LT1363
510
Ω
75
Ω
OUT
75
Ω
IN
510
Ω
C-Load is a trademark of Linear Technology Corporation
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1363

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1363 LINER-LT1363 Datasheet
251Kb / 12P
70MHz, 1000V/us Op Amp
LT1363 LINER-LT1363 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
logo
Analog Devices
LT1363 AD-LT1363 Datasheet
626Kb / 18P
High Temperature 1.0A, 35MHz Current Feedback Amplifier
1210X TA01
LT1363 AD-LT1363 Datasheet
1Mb / 20P
1.1A, 35MHz Current Feedback Amplifier
Rev. C
logo
Linear Technology
LT1363CN8 LINER-LT1363CN8 Datasheet
251Kb / 12P
70MHz, 1000V/us Op Amp
More results

Similar Description - LT1363

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1363 LINER-LT1363 Datasheet
251Kb / 12P
70MHz, 1000V/us Op Amp
LT1364 LINER-LT1364 Datasheet
265Kb / 12P
Dual and Quad 70MHz, 1000V/us Op Amps
logo
AUK corp
S4580 AUK-S4580 Datasheet
358Kb / 5P
Dual OP AMP
S4580P AUK-S4580P Datasheet
364Kb / 4P
Dual OP AMP
logo
Analog Devices
AD844 AD-AD844_15 Datasheet
422Kb / 20P
60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
Linear Technology
LT1357 LINER-LT1357_15 Datasheet
261Kb / 12P
25MHz, 600V/s Op Amp
LT1354 LINER-LT1354_15 Datasheet
264Kb / 12P
12MHz, 400V/s Op Amp
LT1360 LINER-LT1360_15 Datasheet
229Kb / 16P
50MHz, 800V/s Op Amp
LT1364 LINER-LT1364_15 Datasheet
229Kb / 12P
Dual and Quad 70MHz, 1000V/s Op Amps
LT1365 LINER-LT1365_15 Datasheet
229Kb / 12P
Dual and Quad 70MHz, 1000V/s Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com