Electronic Components Datasheet Search
  English  ▼

X  

LT1363 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1363
Description  70MHz, 1000V/s Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1363 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1363 Datasheet HTML 4Page - Linear Technology LT1363 Datasheet HTML 5Page - Linear Technology LT1363 Datasheet HTML 6Page - Linear Technology LT1363 Datasheet HTML 7Page - Linear Technology LT1363 Datasheet HTML 8Page - Linear Technology LT1363 Datasheet HTML 9Page - Linear Technology LT1363 Datasheet HTML 10Page - Linear Technology LT1363 Datasheet HTML 11Page - Linear Technology LT1363 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1363
APPLICATIONS INFORMATION
The LT1363 may be inserted directly into AD817, AD847,
EL2020, EL2044, and LM6361 applications improving
both DC and AC performance, provided that the nulling
circuitry is removed. The suggested nulling circuit for the
LT1363 is shown below.
Offset Nulling
1363 AI01
6
7
V+
V–
4
8
1
2
10k
3
–
+
LT1363
Layout and Passive Components
The LT1363 amplifier is easy to apply and tolerant of less
than ideal layouts. For maximum performance (for ex-
ample fast settling time) use a ground plane, short lead
lengths, and RF-quality bypass capacitors (0.01
µF to
0.1
µF). For high drive current applications use low ESR
bypass capacitors (1
µF to 10µF tantalum). Sockets
should be avoided when maximum frequency perfor-
mance is required, although low profile sockets can
provide reasonable performance up to 50MHz. For
more details see Design Note 50.
The parallel combination of the feedback resistor and gain
setting resistor on the inverting input can combine with
the input capacitance to form a pole which can cause
peaking or oscillations. For feedback resistors greater
than 5k
Ω, a parallel capacitor of value
CF > RG x CIN/RF
should be used to cancel the input pole and optimize
dynamic performance. For unity-gain applications where
a large feedback resistor is used, CF should be greater
than or equal to CIN.
Capacitive Loading
The LT1363 is stable with any capacitive load. This is
accomplished by sensing the load induced output pole and
adding compensation at the amplifier gain node. As the
capacitive load increases, both the bandwidth and phase
margin decrease so there will be peaking in the frequency
domain and in the transient response as shown in the
typical performance curves.The photo of the small-signal
response with 200pF load shows 62% peaking. The large-
signal response with a 10,000pF load shows the output
slew rate being limited to 10V/
µs by the short-circuit
current. Coaxial cable can be driven directly, but for best
pulse fidelity a resistor of value equal to the characteristic
impedance of the cable (i.e., 75
Ω) should be placed in
series with the output. The other end of the cable should
be terminated with the same value resistor to ground. The
response of a cable driver in a gain of 2 driving a 75
Ω cable
is shown on the front page of the data sheet.
Large-Signal Transient
(AV = 1, CL = 10,000pF)
Large-Signal Transient
(AV = –1)
Large-Signal Transient
(AV = 1)
1363 TA34
1363 TA35
1363 TA36
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com