Electronic Components Datasheet Search
  English  ▼

X  

LT1363 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1363
Description  70MHz, 1000V/s Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1363 Datasheet(HTML) 5 Page - Linear Technology

  LT1363 Datasheet HTML 1Page - Linear Technology LT1363 Datasheet HTML 2Page - Linear Technology LT1363 Datasheet HTML 3Page - Linear Technology LT1363 Datasheet HTML 4Page - Linear Technology LT1363 Datasheet HTML 5Page - Linear Technology LT1363 Datasheet HTML 6Page - Linear Technology LT1363 Datasheet HTML 7Page - Linear Technology LT1363 Datasheet HTML 8Page - Linear Technology LT1363 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1363
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
and Temperature
Input Common Mode Range vs
Supply Voltage
Input Bias Current vs
Input Common Mode Voltage
SUPPLY VOLTAGE (
±V)
0
4
2
10
8
6
10
5
015
20
1363 G01
–55
°C
25
°C
125
°C
Input Bias Current vs
Temperature
Open-Loop Gain vs
Resistive Load
SUPPLY VOLTAGE (
±V)
V –
2.0
0.5
1.0
1.5
V +
–1.0
– 0.5
–2.0
–1.5
10
5
015
20
1363 G02
TA = 25°C
∆VOS < 1mV
INPUT COMMON MODE VOLTAGE (V)
0.2
0.4
1.0
0.8
0.6
–15
–10
0
10
15
5
–5
1363 G03
VS = ±15V
TA = 25°C
IB =
IB
+ + I
B
–
————
2
TEMPERATURE (
°C)
0
0.4
0.2
1.4
1.2
1.0
0.6
0.8
– 50
–25
25
100
125
50
75
0
1363 G04
VS = ±15V
IB =
IB
+ + I
B
–
————
2
LOAD RESISTANCE (
Ω)
10
60
65
85
100
10k
1363 G06
75
70
1k
80
VS = ±5V
VS = ±15V
TA = 25°C
Input Noise Spectral Density
FREQUENCY (Hz)
10
1
10
in
100
0.1
1
10
en
1k
100
100k
10k
1363 G05
VS = ±15V
TA = 25°C
AV = 101
RS = 100k
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Differential inputs of
±10V are appropriate for transient operation
only, such as during slewing. Large, sustained differential inputs will cause
excessive power dissipation and may damage the part. See Input
Considerations in the Applications Information section of this data sheet
for more details.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 4: Input offset voltage is pulse tested and is exclusive of warm-up drift.
Note 5: Slew rate is measured between
±10V on the output with ±6V input
for
±15V supplies and ±2V on the output with ±1.75V input for ±5V supplies.
Note 6: Full power bandwidth is calculated from the slew rate
measurement: FPBW = SR/2
πVP.
Note 7: This parameter is not 100% tested.
Note 8: The LT1363C is guaranteed functional over the operating
temperature range of –40
°C to 85°C.
Note 9: The LT1363C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1363C is designed, characterized and expected to
meet specified performance from – 40
°C to 85°C, but is not tested or QA
sampled at these temperatures. For guaranteed I-grade parts, consult the
factory.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com