Electronic Components Datasheet Search
  English  ▼

X  

UPD63 Datasheet(PDF) 28 Page - NEC

Part # UPD63
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD63 Datasheet(HTML) 28 Page - NEC

Back Button UPD63 Datasheet HTML 24Page - NEC UPD63 Datasheet HTML 25Page - NEC UPD63 Datasheet HTML 26Page - NEC UPD63 Datasheet HTML 27Page - NEC UPD63 Datasheet HTML 28Page - NEC UPD63 Datasheet HTML 29Page - NEC UPD63 Datasheet HTML 30Page - NEC UPD63 Datasheet HTML 31Page - NEC UPD63 Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
28
µPD63, 63A, 64
7.1 Functions of POC Circuit
The POC circuit has the following functions:
• Generates an internal reset signal when VDD
≤ VPOC.
• Cancels an internal reset signal when VDD > VPOC.
Here, VDD: power supply voltage, VPOC: POC-detected voltage.
Notes 1. In reality, there is the oscillation stabilization wait time until the circuit is switched to OPERATING
mode. The oscillation stabilization wait time is about 252/fX to 700/fX (when about 70 to 190
µs; fX
= 3.64 MHz).
2. For the POC circuit to generate an internal reset signal when the power supply voltage has fallen,
it is necessary for the power supply voltage to be kept less than the VPOC for the period of 1 ms or
more. Therefore, in reality, there is the time lag of up to 1 ms until the reset takes effect.
3. The POC-detected voltage (VPOC) varies between 0.9 to 2.2 V; thus, the resetting may be canceled
at a power supply voltage smaller than the assured range (VDD = 1.8 to 3.6 V). However, as long as
the conditions for operating the POC circuit are met, the actual lowest operating power supply voltage
becomes lower than the POC-detected voltage. Therefore, there is no malfunction occurring due to
the shortage of power supply voltage. However, malfunction for such reasons as the clock not
oscillating due to low power supply voltage may occur (refer to Cautions 3. in 7. POC CIRCUIT).
7.2 Oscillation Check at Low Supply Voltage
A reliable resetting operation can be expected of the POC circuit if it satisfies the condition that the clock can
oscillate even at low power supply voltage (the oscillation start voltage of the resonator being even lower than the
POC-detected voltage). Whether this condition is being met or not can be checked by measuring the oscillation
status on a product which actually contains a POC circuit, as follows.
<1> Connect a storage oscilloscope to the XOUT pin so that the oscillation status can be measured.
<2> Connect a power supply whose output voltage can be varied and then gradually raise the power supply
voltage VDD from 0 V (making sure to avoid VDD > 3.6V).
At first (during VDD < 0.9 V), the XOUT pin is 0 V regardless of the VDD. However, at the point that VDD reaches
the POC-detected voltage (voltage somewhere between VPOC = 0.9 to 2.2 V), the voltage of the XOUT pin jumps to
about 0.5 VDD. Maintain this power supply voltage for a while to measure the waveform of the XOUT pin. If, by any
chance, the oscillation start voltage of the resonator is lower than the POC-detected voltage, the growing oscillation
of the XOUT pin can be confirmed within several ms after the VDD has reached the VPOC.
VDD
3.6 V
2.2 V
VPOC
0.9 V
0 V
Internal reset signal
Reset
Operating ambient temperature TA = – 20 to + 70°C
Clock frequency fX = 2.4 to 4 MHz
←POC-detected voltage VPOC = 0.9 to 2.2 VNote 3
→ t
OPERATING mode
↑ Reset
Note 2
↑
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com