Electronic Components Datasheet Search
  English  ▼

X  

UPD63 Datasheet(PDF) 29 Page - NEC

Part # UPD63
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD63 Datasheet(HTML) 29 Page - NEC

Back Button UPD63 Datasheet HTML 25Page - NEC UPD63 Datasheet HTML 26Page - NEC UPD63 Datasheet HTML 27Page - NEC UPD63 Datasheet HTML 28Page - NEC UPD63 Datasheet HTML 29Page - NEC UPD63 Datasheet HTML 30Page - NEC UPD63 Datasheet HTML 31Page - NEC UPD63 Datasheet HTML 32Page - NEC UPD63 Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
29
µPD63, 63A, 64
8. SYSTEM CLOCK OSCILLATION CIRCUIT
The system clock oscillation circuit consists of oscillation circuits for ceramic resonators (fX = 2.4 to 8 MHz).
Figure 8-1. System Clock
The system clock oscillation circuit stops its oscillation when reset or in STOP mode.
Caution When using the system clock oscillation circuit, wire area indicated by the dotted-line in the
diagram as follows to reduce the effects of the wiring capacitance, etc.
•
Make the wiring as short as possible.
•
Do not allow the wiring to intersect other signal lines. Do not wire close to lines through
which large fluctuating currents flow.
•
Make sure that the point where the oscillation circuit capacitor is installed is always at the
same electric potential as the ground. Never earth with a ground pattern through which large
currents flow.
•
Do not extract signals from the oscillation circuit.
PD63, 63A, 64
XOUT
XIN
GND
Ceramic resonator
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com