Electronic Components Datasheet Search
  English  ▼

X  

UPD63 Datasheet(PDF) 48 Page - NEC

Part # UPD63
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD63 Datasheet(HTML) 48 Page - NEC

Back Button UPD63 Datasheet HTML 44Page - NEC UPD63 Datasheet HTML 45Page - NEC UPD63 Datasheet HTML 46Page - NEC UPD63 Datasheet HTML 47Page - NEC UPD63 Datasheet HTML 48Page - NEC UPD63 Datasheet HTML 49Page - NEC UPD63 Datasheet HTML 50Page - NEC UPD63 Datasheet HTML 51Page - NEC UPD63 Datasheet HTML 52Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
48
µPD63, 63A, 64
11. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = +25 ˚C)
Parameter
Symbol
Test Conditions
Rating
Unit
Power supply voltage
VDD
–0.3 to +5.0
V
Input voltage
VI
KI/O, KI, S0, S1, RESET
–0.3 to VDD + 0.3
V
Output voltage
VO
–0.3 to VDD + 0.3
V
High-level output current
IOHNote
REM
Peak value
–30
mA
rms
–20
mA
LED
Peak value
–7.5
mA
rms
–5
mA
One KI/O pin
Peak value
–13.5
mA
rms
–9
mA
Total of LED and KI/O pins
Peak value
–18
mA
rms
–12
mA
Low-level output current
IOLNote
REM
Peak value
7.5
mA
rms
5
mA
LED
Peak value
7.5
mA
rms
5
mA
Operating ambient
TA
–40 to +85
˚C
temperature
Storage temperature
Tstg
–65 to +150
˚C
Note Work out the rms with: [rms] = [Peak value]
× Duty.
Caution Product quality may suffer if the absolute rating is exceeded for any parameter, even momen-
tarily. In other words, an absolute maxumum rating is a value at which the possibility of psysical
damage to the product cannnot be ruled out. Care must therefore be taken to ensure that the
these ratings are not exceeded during use of the product.
Recommended Power Supply Voltage Range (TA = –40 to +85 ˚C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power supply voltage
VDD
fX = 2.4 to 4 MHz
1.8
3.0
3.6
V
fX = 4 to 8 MHz
2.2
3.0
3.6
V
When using the POC circuit (mask option)
2.2
3.0
3.6
V
TA = –20 to +70 ˚C
fX = 2.4 to 4 MHz
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com