Electronic Components Datasheet Search
  English  ▼

X  

UPD63 Datasheet(PDF) 24 Page - NEC

Part # UPD63
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD63 Datasheet(HTML) 24 Page - NEC

Back Button UPD63 Datasheet HTML 20Page - NEC UPD63 Datasheet HTML 21Page - NEC UPD63 Datasheet HTML 22Page - NEC UPD63 Datasheet HTML 23Page - NEC UPD63 Datasheet HTML 24Page - NEC UPD63 Datasheet HTML 25Page - NEC UPD63 Datasheet HTML 26Page - NEC UPD63 Datasheet HTML 27Page - NEC UPD63 Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
24
µPD63, 63A, 64
Table 5-3. Standby Mode Setup (HALT #b3b2b1b0B) and Release Conditions
Operand Value of
HALT Instruction
Setting Mode
Precondition for Setup
Release Condition
b3
b2
b1
b0
0000
STOP
All KI/O pins are high-level output.
High level is input to at least one
of KI pins.
0
1
1
STOP
All KI/O pins are high-level output.
High level is input to at least one
of KI pins.
1
1
0
STOPNote 1
The KI/O0 pin is high-level output.
High level is input to at least one
of KI pins.
1
Any of the
STOP
[The following condition is added in addition to the above.]
combinations of
—
High level is input to at least one
b2b1b0 above
of S0 and S1 pinsNote 2.
0/1
1
0
1
HALT
—
When the timer’s down counter is 0
Notes 1. When setting HALT #
×110B, configure a key matrix by using the KI/O0 pin and the KI pin so that an
internal reset takes effect at the time of program hang-up.
2. At least one of the S0 and S1 pins (the pin used for releasing the standby) must be in INPUT mode.
(The internal reset does not take effect even when both pins are in OUTPUT mode.)
Cautions 1. The internal reset takes effect when the HALT instruction is executed with an operand value
other than that above or when the precondition has not been satisfied when executing the
HALT instruction.
2. If STOP mode is set when the timer’s down counter is not 0 (timer operating), the system
is placed in STOP mode only after all the 10 bits of the timer’s down counter and the timer
output permit flag are cleared to 0.
3. Write the NOP instruction as the first instruction after STOP mode is released.
5.3 Standby Mode Release Timing
(1) STOP Mode Release Timing
Figure 5-1. STOP Mode Cancelation by Release Condition
Caution When a release condition is established in the STOP mode, the device is released from the STOP
mode, and goes into a wait state. At this time, if the release condition is not held, the device
goes into STOP mode again after the wait time has elapsed. Therefore, when releasing the STOP
mode, it is necessary to hold the release condition longer than the wait time.
Wait
(52/fX +
α)
HALT mode
OPERATING
mode
STOP mode
Oscillation
stopped
Oscillation
OPERATING
mode
Oscillation
HALT instruction
(STOP mode)
Standby
release signal
Clock
α : Oscillation growth time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com