Electronic Components Datasheet Search
  English  ▼

X  

LT3663 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3663
Description  1.2A Step-Down Switching Regulator with Output Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3663 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3663 Datasheet HTML 3Page - Linear Technology LT3663 Datasheet HTML 4Page - Linear Technology LT3663 Datasheet HTML 5Page - Linear Technology LT3663 Datasheet HTML 6Page - Linear Technology LT3663 Datasheet HTML 7Page - Linear Technology LT3663 Datasheet HTML 8Page - Linear Technology LT3663 Datasheet HTML 9Page - Linear Technology LT3663 Datasheet HTML 10Page - Linear Technology LT3663 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT3663
7
3663fc
For more information For more information www.linear.com/LT3663
operaTion
The LT3663 is a constant frequency, current mode step
down regulator. A switch cycle is initiated when the os-
cillator enables the RS flip flop, turning on the internal
power switch, Q1. The sense amplifier (A1) monitors the
switch current via the voltage dropped across the current
sense resistor RSENSE1. The comparator compares the
amplified current signal with the output (VC) of the error
amplifier (G1). The switch is turned off when this current
exceeds a value determined by the VC voltage. The error
amplifier monitors the VOUT voltage through an internal
resistor divider and, when not driven externally, servos
the VC voltage to regulate VOUT. If the VOUT voltage drops,
the VC voltage will be driven higher increasing the output
current and VOUT voltage. An active clamp (not shown)
on the VC node provides current limit. The LT3663 is
internally compensated with a pole-zero combination on
the VC node.
An external capacitor and internal diode, D2, generate a
voltageattheBOOSTpinthatishigherthantheinputsupply.
(Refer to Block Diagram)
This allows the driver to fully saturate the internal bipolar
NPNpowerswitchforefficientoperation.Theswitchdriver
operates from either VIN or BOOST to ensure startup.
Aninternalregulatorprovidespowertothecontrolcircuitry.
Thisregulatorincludesinputundervoltageandovervoltage
protection which disables switching action when VIN is
out of range. When switching is disabled, the LT3663
safely sustains input voltages up to 60V. Note that while
switching is disabled the output will discharge.
Output current limiting is provided via the servo action of
amplifier G2. The voltage across sense resistor, RSENSE2,
is compared to a voltage programmed by external resistor
RILIM on the ILIM pin. A capacitor averages the inductor
ripple current. If the average inductor current exceeds the
programmedvaluethentheVCvoltageispulledlow,reduc-
ing the current in the regulator. The output current limit
circuit allows for a lower current rated inductor and diode
and provides better control of system power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com