Electronic Components Datasheet Search
  English  ▼

X  

LT3663 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3663
Description  1.2A Step-Down Switching Regulator with Output Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3663 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3663 Datasheet HTML 4Page - Linear Technology LT3663 Datasheet HTML 5Page - Linear Technology LT3663 Datasheet HTML 6Page - Linear Technology LT3663 Datasheet HTML 7Page - Linear Technology LT3663 Datasheet HTML 8Page - Linear Technology LT3663 Datasheet HTML 9Page - Linear Technology LT3663 Datasheet HTML 10Page - Linear Technology LT3663 Datasheet HTML 11Page - Linear Technology LT3663 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT3663
8
3663fc
For more information www.linear.com/LT3663
2.5µs/DIV
3663 F02
VSW
20V/DIV
IL
1A/DIV
VOUT
200mV/DIV
AC-COUPLED
Figure 2. Pulse-Skip Mode
VSW
20V/DIV
IL
1A/DIV
VOUT
200mV/DIV
AC-COUPLED
2.5µs/DIV
3663 F01
applicaTions inForMaTion
FB Resistor Network
The output voltage of the LT3663 is programmed with a
resistor divider. Choose the 1% resistors according to:
R1 = R2 (VOUT/0.8 – 1)
Reference designators refer to the Block Diagram.
The resistor divider is internal on the fixed output voltage
versions, LT3663-X.
Minimum Duty Cycle
As the input voltage increases the duty cycle decreases. At
some point, the minimum duty cycle of the IC is reached
andpulseskippingbegins.Theoutputvoltagecontinuesto
regulate but the output voltage ripple increases. The input
voltage at which this occurs is calculated as follows:
V
VV
DC
VV
IN
OUT
F
MIN
FSW
=
+
()
+
–
Where VF is the forward voltage drop of the catch diode,
D1, and VSW is the voltage drop on the internal switch,
Q1. LT3663 DCMIN is typically 0.12.
For VF = 0.4V, VSW = 0.3V, and VOUT = 3.3V pulse skipping
occurs at about 24.5V.
Figure 1 illustrates switching waveforms in normal mode
for a 3.3V output application with VIN = 20V.
Figure 2. illustrates switching waveforms in pulse skip
mode a 3.3V output application with VIN = 30V.
Figure 1. Normal Operation
Inductor Selection
A good first choice for the inductor value is:
L = VOUT + VD (µH)
where VD is the voltage drop of the catch diode (~0.4V)
and L is in µH. With this value there is no sub-harmonic
oscillation for applications with 50% or greater duty
cycle. The inductor’s RMS current rating must be greater
than the maximum load current. Size the inductor so the
saturation current rating is about 30% higher than the
maximum load current. The output current limit circuit
tightly controls the maximum average inductor current,
therefore the inductor RMS current rating does not have
to be overrated to handle short circuit or overload condi-
tions. For high efficiency, keep the series resistance (DCR)
less than 0.1Ω. A higher value inductor is larger in size
and slows transient response but reduces output voltage
ripple. A lower value inductor has higher ripple currents
but is physically smaller or, for the same size, it has lower
DCR typically resulting in higher efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com