Electronic Components Datasheet Search
  English  ▼

X  

LT3663 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3663
Description  1.2A Step-Down Switching Regulator with Output Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3663 Datasheet(HTML) 5 Page - Linear Technology

  LT3663 Datasheet HTML 1Page - Linear Technology LT3663 Datasheet HTML 2Page - Linear Technology LT3663 Datasheet HTML 3Page - Linear Technology LT3663 Datasheet HTML 4Page - Linear Technology LT3663 Datasheet HTML 5Page - Linear Technology LT3663 Datasheet HTML 6Page - Linear Technology LT3663 Datasheet HTML 7Page - Linear Technology LT3663 Datasheet HTML 8Page - Linear Technology LT3663 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3663
5
3663fc
For more information For more information www.linear.com/LT3663
Typical perForMance characTerisTics
BOOST Pin Current
Boost Diode Vf
TA = 25°C, unless otherwise noted.
SWITCH CURRENT (A)
35
30
25
20
3653 G07
0
5
15
10
0
0.2
0.4
0.5
0.8
1.0
1.2
DIODE CURRENT (mA)
1.4
1.2
1
0.8
3653 G09
0
0.2
0.6
0.4
0
50
100
150
200
250
300
SWITCH CURRENT (A)
400
350
3663 G01
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
1.2
125°C
–45°C
25°C
Switch Voltage Drop
pin FuncTions
BOOST: The BOOST pin is used to provide a drive voltage,
higher than the input voltage, to the internal power switch.
The BOOST pin is also internally connected to the cathode
of the BOOST diode.
GND (Exposed Pad Pin 9) : Ground. The exposed pad
must be soldered to the PCB and electrically connected
to ground. Use a large ground plane and thermal vias to
optimize thermal performance.
FB (LT3663): The LT3663 regulates the FB pin to 0.8V.
Connect the feedback resistor divider tap to this pin.
ILIM:OutputCurrentLimitProgramPin.Connectaresistor
to ground to program the regulator output current limit.
ISENSE: The ISENSE pin is the positive input to the internal
output current limit sense resistor. The ISENSE pin is also
the anode to the internal BOOST diode.
RUN: The Run pin is used to put the LT3663 into shutdown
mode. Tie to ground to shut down the LT3663. Tie to 2.5V
or more for normal operation. If the shutdown feature is
not used, connect this pin to VIN.
SW: The SW pin is the output of the internal power switch.
Connect this pin to the inductor, catch diode and boost
capacitor.
VIN: The VIN pin supplies current to the LT3663’s internal
regulator and internal power switch. Capacitively bypass
the pin to ground.
VOUT: The VOUT pin is connected to the negative terminal
of the internal output current limit sense resistor.
VOUTS (LT3663-X): Output Voltage Sense Pin. Connect to
the positive terminal of the output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com