Electronic Components Datasheet Search
  English  ▼

X  

LT3663 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3663
Description  1.2A Step-Down Switching Regulator with Output Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3663 Datasheet(HTML) 4 Page - Linear Technology

  LT3663 Datasheet HTML 1Page - Linear Technology LT3663 Datasheet HTML 2Page - Linear Technology LT3663 Datasheet HTML 3Page - Linear Technology LT3663 Datasheet HTML 4Page - Linear Technology LT3663 Datasheet HTML 5Page - Linear Technology LT3663 Datasheet HTML 6Page - Linear Technology LT3663 Datasheet HTML 7Page - Linear Technology LT3663 Datasheet HTML 8Page - Linear Technology LT3663 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT3663
4
3663fc
For more information www.linear.com/LT3663
Minimum Switch On-Time
RUN Pin Current
Output Current Limit
Feedback Voltage
TEMPERATURE (°C)
–50
50
0
100
3663 G04
150
125
25
–25
75
1.20
1.15
1.05
1.10
1.00
0.90
0.95
0.85
0.80
RILIM = 36.5k
TEMPERATURE (°C)
–50
50
0
100
3663 G05
150
125
25
–25
75
0.84
0.82
0.80
0.78
0.76
TEMPERATURE (°C)
–50
50
0
100
3663 G10
150
125
25
–25
75
140
120
100
80
40
60
20
0
RUN PIN VOLTAGE (V)
0
30
10
50
3663 G11
60
20
40
45
40
30
35
25
15
5
20
10
0
TEMPERATURE (°C)
1.6
3663 G02
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–50 –25
0
25
50
75 100
150
125
LT3663-X
LT3663
Switching Frequency
OUTPUT CURRENT (A)
6
5
4
3663 G12
0
1
2
3
0
0.2
0.4
0.6
0.8
1
1.2
1.4
RILIM = 28.7k
Output Current Limit
Typical perForMance characTerisTics T
A = 25°C, unless otherwise noted.
VIN Shutdown Current
VIN Overvoltage Lockout
TEMPERATURE (°C)
–50
50
0
100
3663 G06
150
125
25
–25
75
42
32
33
34
35
36
37
38
39
40
41
RISING
FALLING
VIN VOLTAGE (V)
0
30
10
50
3663 G08
60
20
40
800
700
500
600
400
200
300
100
0
VRUN = 0V
TEMPERATURE (°C)
8.0
7.5
7.0
3663 G03
4.0
4.5
5.0
5.5
6.0
6.5
–50 –25
0
25
50
75 100
150
125
RISING
FALLING
VIN Undervoltage Lockout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com