Electronic Components Datasheet Search
  English  ▼

X  

LT3663 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3663
Description  1.2A Step-Down Switching Regulator with Output Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3663 Datasheet(HTML) 2 Page - Linear Technology

  LT3663 Datasheet HTML 1Page - Linear Technology LT3663 Datasheet HTML 2Page - Linear Technology LT3663 Datasheet HTML 3Page - Linear Technology LT3663 Datasheet HTML 4Page - Linear Technology LT3663 Datasheet HTML 5Page - Linear Technology LT3663 Datasheet HTML 6Page - Linear Technology LT3663 Datasheet HTML 7Page - Linear Technology LT3663 Datasheet HTML 8Page - Linear Technology LT3663 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3663
2
3663fc
For more information www.linear.com/LT3663
absoluTe MaxiMuM raTings
Input Voltage (VIN) (Note 2)......................................60V
BOOST Pin Voltage ...................................................50V
BOOST Pin Above SW Pin.........................................25V
VOUTS, VOUT, ISENSE, FB Pins.......................................6V
RUN Pin (Note 2) ......................................................60V
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3663EDCB#PBF
LT3663EDCB#TRPBF
LDVK
8-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3663IDCB#PBF
LT3663IDCB#TRPBF
LDVK
8-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3663EDCB-3.3#PBF
LT3663EDCB-3.3#TRPBF
LFMW
8-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3663IDCB-3.3#PBF
LT3663IDCB-3.3#TRPBF
LFMW
8-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3663EDCB-5#PBF
LT3663EDCB-5#TRPBF
LFMY
8-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3663IDCB-5#PBF
LT3663IDCB-5#TRPBF
LFMY
8-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3663EMS8E#PBF
LT3663EMS8E#TRPBF
LTDWT
8-Lead Plastic MSOP
–40°C to 125°C
LT3663IMS8E#PBF
LT3663IMS8E#TRPBF
LTDWT
8-Lead Plastic MSOP
–40°C to 125°C
LT3663HMS8E#PBF
LT3663HMS8E#TRPBF
LTDWT
8-Lead Plastic MSOP
–40°C to 150°C
LT3663EMS8E-3.3#PBF
LT3663EMS8E-3.3#TRPBF LTFMX
8-Lead Plastic MSOP
–40°C to 125°C
LT3663IMS8E-3.3#PBF
LT3663IMS8E-3.3#TRPBF LTFMX
8-Lead Plastic MSOP
–40°C to 125°C
LT3663HMS8E-3.3#PBF
LT3663HMS8E-3.3#TRPBF LTFMX
8-Lead Plastic MSOP
–40°C to 150°C
LT3663EMS8E-5#PBF
LT3663EMS8E-5#TRPBF
LTFMZ
8-Lead Plastic MSOP
–40°C to 125°C
Operating Junction Temperature Range (Note 3)
LT3663E............................................. –40°C to 125°C
LT3663I.............................................. –40°C to 125°C
LT3663H ............................................ –40°C to 150°C
Storage Temperature.............................. –65°C to 150°C
pin conFiguraTion
TOP VIEW
SW
BOOST
ISENSE
VOUT
VIN
RUN
FB
ILIM
DCB PACKAGE
8-LEAD (2mm × 3mm) PLASTIC DFN
9
GND
3
4
2
1
6
5
7
8
θJA = 64°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
SW
BOOST
ISENSE
VOUT
VIN
RUN
VOUTS
ILIM
DCB PACKAGE
8-LEAD (2mm × 3mm) PLASTIC DFN
9
GND
3
4
2
1
6
5
7
8
θJA = 64°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
VIN
RUN
FB
ILIM
8
7
6
5
SW
BOOST
ISENSE
VOUT
TOP VIEW
9
GND
MSE PACKAGE
8-LEAD PLASTIC MSOP
θJA = 35°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
VIN
RUN
VOUTS
ILIM
8
7
6
5
SW
BOOST
ISENSE
VOUT
TOP VIEW
9
GND
MSE PACKAGE
8-LEAD PLASTIC MSOP
θJA = 35°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
LT3663
LT3663
LT3663-X
LT3663-X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com