Electronic Components Datasheet Search
  English  ▼

X  

LT3663 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3663
Description  1.2A Step-Down Switching Regulator with Output Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3663 Datasheet(HTML) 1 Page - Linear Technology

  LT3663 Datasheet HTML 1Page - Linear Technology LT3663 Datasheet HTML 2Page - Linear Technology LT3663 Datasheet HTML 3Page - Linear Technology LT3663 Datasheet HTML 4Page - Linear Technology LT3663 Datasheet HTML 5Page - Linear Technology LT3663 Datasheet HTML 6Page - Linear Technology LT3663 Datasheet HTML 7Page - Linear Technology LT3663 Datasheet HTML 8Page - Linear Technology LT3663 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3663
1
3663fc
For more information For more information www.linear.com/LT3663
OUTPUT CURRENT (A)
0.1
100
90
80
70
60
50
40
0.5
0.9
0.3
0.7
1.1
3663 TA01b
1.3
VIN = 15V
VIN = 8V
VIN = 30V
Typical applicaTion
DescripTion
1.2A Step-Down
Switching Regulator with
Output Current Limit
TheLT®3663isacurrentmodestep-downswitchingregu-
lator with programmable output current limit. The current
limit accurately controls the system power dissipation and
reduces the size of the power path components.
Thewideoperatinginputvoltagerangeof7.5Vto36V(60V
transient) suits the LT3663 to a variety of input sources,
including unregulated 12V wall adapters, 24V industrial
supplies, and automotive power.
The LT3663 includes a low current shutdown mode, input
overvoltage and undervoltage lockout, and thermal shut-
down.Internalcompensationandboostdiodeminimizethe
number of external exponents. 3.3V and 5V fixed output
voltage versions are available.
TheLT3663isavailablein8-leadDFNandMSOPpackages
with exposed pads for low thermal resistance.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
5V Step-Down Converter
FeaTures
applicaTions
n
Wide Input Range:
Operation from 7.5V to 36V
Overvoltage Lockout Protects Circuit through 60V
Transients
n
Programmable Output Current Limit (0.4A to 1.2A)
n
3.3V and 5V Fixed Output Voltage Options
n
Integrated Boost Diode
n
Fixed Frequency, Peak Current Mode Control
LT3663 fSW = 1.5MHz
LT3663-X fSW = 1MHZ
n
Low Switch VCESAT: 275mV at 1A
n
Internally Compensated
n
Thermal Protection
n
Thermally Enhanced 8-Pin 2mm
× 3mm DFN and
MSOP Packages
n
Distributed Supply Regulation
n
Automotive Battery Regulation
n
Industrial Supplies
n
Wall Transformer Regulation
Efficiency
3663 TA01
LT3663
VIN
VIN
RUN
ILIM
BOOST
SW
GND
0.1µF
2.2µF
22µF
59k
28.7k
11k
6.8µH
ISENSE
VOUT
VOUT
FB
ON OFF


Similar Part No. - LT3663

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3667 LINER-LT3667 Datasheet
441Kb / 34P
40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT3667 LINER-LT3667 Datasheet
382Kb / 28P
40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
LT3667 LINER-LT3667_15 Datasheet
441Kb / 34P
40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT3668 LINER-LT3668 Datasheet
382Kb / 28P
40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
LT3668 LINER-LT3668_15 Datasheet
382Kb / 28P
40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
More results

Similar Description - LT3663

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34914 NSC-LM34914 Datasheet
328Kb / 14P
Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Linear Technology
LTC1879 LINER-LTC1879 Datasheet
261Kb / 20P
1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
LT3991 LINER-LT3991 Datasheet
314Kb / 24P
55V, 1.2A Step-Down Regulator with 2.8 Quiescent Current
logo
Texas Instruments
LM34914 TI1-LM34914_14 Datasheet
838Kb / 21P
Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Linear Technology
LT3505 LINER-LT3505_15 Datasheet
817Kb / 24P
1.2A, Step-Down Switching Regulator
LT3493 LINER-LT3493_15 Datasheet
598Kb / 20P
1.2A, 750kHz Step-Down Switching Regulator
LT3493-3 LINER-LT3493-3_15 Datasheet
387Kb / 20P
1.2A, 750kHz Step-Down Switching Regulator
LT3991 LINER-LT3991_15 Datasheet
394Kb / 24P
55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991-3.3 LINER-LT3991-3.3_15 Datasheet
394Kb / 24P
55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
logo
Texas Instruments
LM34914 TI-LM34914_15 Datasheet
1Mb / 24P
Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com