Electronic Components Datasheet Search
  English  ▼

X  

AN2169 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2169
Description  Porting an application from the ST10F168 to the ST10F276
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2169 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2169 Datasheet HTML 8Page - STMicroelectronics AN2169 Datasheet HTML 9Page - STMicroelectronics AN2169 Datasheet HTML 10Page - STMicroelectronics AN2169 Datasheet HTML 11Page - STMicroelectronics AN2169 Datasheet HTML 12Page - STMicroelectronics AN2169 Datasheet HTML 13Page - STMicroelectronics AN2169 Datasheet HTML 14Page - STMicroelectronics AN2169 Datasheet HTML 15Page - STMicroelectronics AN2169 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Modified features
AN2169
12/33
The bit 6 of ADCON register, reserved in the previous ST10 devices, has now the function of
enabling or disabling the ADC. By default this bit is cleared and the ST10F276 is compatible
with the ST10F168.
Additional analog channels on Port1
A new multiplexer selects between up to 16 or 8 analog input channels (alternate functions of
Port 5 and Port1). The selection of the Port1 or Port5 as input of the ADC is made via bit
ADCMUX, bit 0 of XMISC register.
XMISC (EB46h)
XREG
Reset Value: --00h
By default the multiplexer selects the Port5, so there is no impact on the software with regard to
a ST10F168 implementation.
1.6
PLL and on-chip main oscillator
In order to reach the new frequency range, the PLL multiplication factors have been changed.
Table 5.
ST10F168 vs ST10F276 PLL ratio
15
14
13
12
11
10
987654
3210
-----
-------
VREG
OFF
CANC
K2
CANP
AR
ADCM
UX
rw
rw
rw
rw
Bit
Function
0
ADCMUX
0: default configuration, analog inputs on port P5.y can be converted
1: analog inputs on port P1.z can be converted, only 8 channel can be managed
P0.15-13
(P0H.7-5)
ST10F168
ST10F276
ST10F276
ST10F276
PLL factor
fCPU = fXTAL * F
PLL factor
fCPU = fXTAL * F
Input Frequency Range
(MHz)
Low Power
Oscillator
Wide Swing
Oscillator
Notes
111
FXTAL * 4
FXTAL * 4
4 to 8
4 to 8
Default configuration
110
FXTAL * 3
FXTAL * 3
5.3 to 8
5.3 to 10.6
101
FXTAL * 2
FXTAL * 8
4 to 8
4 to 8
100
FXTAL * 5
FXTAL * 5
6.4 to 8
6.4 to 12
011
FXTAL * 1
FXTAL * 1
1 to 64
1 to 64
Direct Drive
010
FXTAL * 1.5
FXTAL * 10
4 to 6.4
4 to 6.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com