Electronic Components Datasheet Search
  English  ▼

X  

AN2169 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2169
Description  Porting an application from the ST10F168 to the ST10F276
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2169 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2169 Datasheet HTML 13Page - STMicroelectronics AN2169 Datasheet HTML 14Page - STMicroelectronics AN2169 Datasheet HTML 15Page - STMicroelectronics AN2169 Datasheet HTML 16Page - STMicroelectronics AN2169 Datasheet HTML 17Page - STMicroelectronics AN2169 Datasheet HTML 18Page - STMicroelectronics AN2169 Datasheet HTML 19Page - STMicroelectronics AN2169 Datasheet HTML 20Page - STMicroelectronics AN2169 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AN2169
New functionalities
17/33
●
XIR0SEL = 0x0100, only CAN1 interrupt is enabled and will generate an interrupt to the
ST10 through XP0IC
●
XIR2SEL = 0x0, not used
●
XIR3SEL = 0x2000, only PLL unlock interrupt is enabled and will generate an interrupt to
the ST10 through XP3IC.
Then, in the interrupt routines associated to the XPxIC, the respective flag in XIRxSEL register
must be cleared. Since the XIRxSEL registers are not bit addressable, a pair of registers (a pair
for each XIRxSEL) is provided to allow setting and clearing the bits of XIRxSEL without risking
to overwrite requests coming after reading the register and before writing it. Therefore the
following registers must be written to clear the flags:
●
in the CAN1 interrupt routine, XIR0CLR (@ EB14h) = 0x0001
●
in the PLL unlock interrupt routine, XIR3CLR (@ EB44h) = 0x0020
Additional information on the X-Interrupt multiplexer structure
Figure 2 shows that the X-Interrupt sources are connected to the interrupt request flag of the
XIRxSEL registers and to the XPxIR request flag via an AND gate with the enable bit. This AND
gate is activated by a transition on the Interrupt source line and not by the latched value in the
XIRxSEL register meaning:
●
A transition on the IT source line will generate an interrupt to the ST10 core if the source is
enabled.
●
Writing to an interrupt request flag in a XIRxSEL register will not generate an interrupt to
the ST10 core.
Example: If XIR0SEL = 0x0100: CAN1 interrupt enabled on XP0IC interrupt
To trigger by software the CAN1 interrupt routine with XP0IC register, the following code must
be used:
XIR0SET = 0x0001;/* Set CAN1 interrupt request Flag in XIR0SEL
register */
XP0IC = XP0IC | 0x0080;/* Set XP0IR flag and generate an interrupt
routine to the ST10 */
Executing only the first line will only set the flag in the XIR0SEL register but will not be seen by
the AND gate and can not set the XP0IR flag.
2.6
Programmable divider on CLKOUT
A specific register mapped on the XBUS allows to choose the division factor on the CLKOUT
signal (P3.15).
XCLKOUTDIV (E902h)
XBUS
Reset Value: --00h
15
14
13
12
11
10
987654
3210
-----
---
DIV
rw
rw
rw
rw
rw
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com