Electronic Components Datasheet Search
  English  ▼

X  

AN2169 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2169
Description  Porting an application from the ST10F168 to the ST10F276
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2169 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2169 Datasheet HTML 16Page - STMicroelectronics AN2169 Datasheet HTML 17Page - STMicroelectronics AN2169 Datasheet HTML 18Page - STMicroelectronics AN2169 Datasheet HTML 19Page - STMicroelectronics AN2169 Datasheet HTML 20Page - STMicroelectronics AN2169 Datasheet HTML 21Page - STMicroelectronics AN2169 Datasheet HTML 22Page - STMicroelectronics AN2169 Datasheet HTML 23Page - STMicroelectronics AN2169 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Modified registers
AN2169
20/33
Note: 1 More than one RESET indication flag may be set. After EINIT, all flags are cleared.
2 Power-on is detected when a rising edge from VDD=0 V to VDD<2.0 V is recognized.
3.1.1
Hardware impact
None.
3.1.2
Software impact
None if the ST10F168 software was masking the non-implemented bits.
3.2
PICON register
Some bits have been added, and some suppressed in this register for the ST10F276.
The port Input Control register PICON is used to select between TTL and CMOS-like input
thresholds.
The CMOS-like input thresholds are defined above the TTL levels and feature a defined
hysteresis to prevent the inputs from toggling while the respective input signal level is near the
thresholds.
On the ST10F168, this functionality is available for pins of port 2, port3, port7 and port8 and the
hysteresis level is 300 mV for CMOS levels.
In the ST10F276, this functionality has been added for the pins of port 4 and port 6.
Moreover the default hysteresis is now 500 mV for TTL levels and is 800 mV for CMOS levels.
ST10F168: PICON (F1C4h /E2h)
ESFR
Reset Value: 0000h
ST10F276: PICON (F1C4h / E2h)
ESFR
1
WDTR: Watchdog Timer Reset Indication Flag
Set by the watchdog timer on an overflow.
Cleared by a hardware reset or by the SRVWDT instruction.
0
WDTIN: Watchdog Timer Input Frequency Selection
0:Input frequency is Fcpu /2
1:Input frequency is Fcpu /128
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
P8LOUT
P7LOUT
-
P3HOUT
P3LOUT
P2HOUT
P2LOUT
P8LIN
P7LIN
P3HIN
P3LIN
P2HIN
P2LIN
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com