Electronic Components Datasheet Search
  English  ▼

X  

AN2169 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2169
Description  Porting an application from the ST10F168 to the ST10F276
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2169 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2169 Datasheet HTML 23Page - STMicroelectronics AN2169 Datasheet HTML 24Page - STMicroelectronics AN2169 Datasheet HTML 25Page - STMicroelectronics AN2169 Datasheet HTML 26Page - STMicroelectronics AN2169 Datasheet HTML 27Page - STMicroelectronics AN2169 Datasheet HTML 28Page - STMicroelectronics AN2169 Datasheet HTML 29Page - STMicroelectronics AN2169 Datasheet HTML 30Page - STMicroelectronics AN2169 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
AN2169
New registers
27/33
4.5
XMISC register
ST10F276: XMISC (EB46h)
XREG
Reset Value: 0000h
4.5.1
Hardware impact
None.
4.5.2
Software impact
None.
4.6
Emulation dedicated registers
A set of additional four registers are implemented for emulation purpose only. Similarly to
XPEREMU, they are write only registers.
XEMU0 (00’EB76h)
XEMU1 (00’EB78h)
XEMU2 (00’EB7Ah)
XEMU3 (00’EB7Ch)
15
14
13
12
11
10
9876
5
4
3
2
1
0
-
-
-
-
--
----
-
-
VREG
OFF
CAN
CK2
CAN
PAR
ADC
MUX
-
-
-
-
--
----
-
-
RW
RW
RW
RW
Bit
Function
15:4
Reserved
3
VREGOFF: Main Voltage Regulator disable in Power-Down mode
0: On-chip Main Regulator is held active when Power-Down mode is entered
1: On-chip Main Regulator is turned off when Power-Down mode is entered
2
CANCK2: CAN Clock divider by 2 disable
0: Clock provided to CAN modules is CPU clock divided by 2 (mandatory when FCPU is
higher than 40MHz)
1: Clock provided to CAN modules is directly CPU clock
1
CANPAR: CAN Parallel Mode Selection
0: CAN2 is mapped on P4.4/P4.7, while CAN1 is mapped on P4.5/P4.6
1: CAN1 and CAN2 are mapped in parallel on P4.5/P4.6. This is effective only if both
CAN1 and CAN2 are enabled through setting of bits CAN1EN and CAN2EN in
XPERCON register. If CAN1 is disabled, CAN2 remains on P4.4/P4.7 even if bit CANPAR
is set.
0
ADCMUX: Port1L ADC Channels Enable
0: Analog inputs on port P5.y can be converted (default configuration)
1: Analog inputs on port P1.z can be converted. Only 8 channels can be managed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com