Electronic Components Datasheet Search
  English  ▼

X  

AN2383 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 7Page - STMicroelectronics AN2383 Datasheet HTML 8Page - STMicroelectronics AN2383 Datasheet HTML 9Page - STMicroelectronics AN2383 Datasheet HTML 10Page - STMicroelectronics AN2383 Datasheet HTML 11Page - STMicroelectronics AN2383 Datasheet HTML 12Page - STMicroelectronics AN2383 Datasheet HTML 13Page - STMicroelectronics AN2383 Datasheet HTML 14Page - STMicroelectronics AN2383 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
AN2383
Schematic
Doc ID 12433 Rev 3
11/39
3.4
Feedbacks
Figure 5.
Current peak, current phase and alarm
Feedback signals are output by the current transformer placed in series with the plate, and
temperature sensors.
The most important feedback is the current signal (label I-CTRL), which sends the MCU an
image of the current flowing through the plate. This signal is used to monitor the current and
set it in accordance with the selected working level.
In addition, the signal coming from the current transformer is sent to an operational
amplifier. If for any reason the current increases too much, exceeding the alarm threshold
set by the potentiometer, the MCU immediately takes action to prevent damage to the power
stage.
A NTC has been glued to the heatsink between the IGBTs. The signal is sent to the MCU to
monitor the heatsink temperature and drive the fan accordingly. In the same way, a PT1000
is placed in the middle of the plate to monitor the plate temperature. The signal is amplified
and sent to the MCU for processing.
Waveforms and a description of how these signals interact with the MCU are given in
Section 5: Measurements at 50 Hz.
03
AI12610
R41
100K
+15V
C19
22nF
R36
4K7
R34
1K8
Alarm management
R44
1M
C18
22nF
R33
n.c.
TMP2
R40
62K
+15V
I-CTRL
C21
100nF
D7
NTC2
PT1000
D6
R18
100R
+15V
D5
D4
STTH102
STTH102
3
2
1
8
4
–
+
U3A
LM 258
R35
2K2
+15V
5
6
7
8
4
–
+
U3B LM 258
with
PT1000 sensors
R45
12K
TP18
ALARM
C31
100nF
R32
2K7
Temperature control
for plate
TP19
C20
22nF
41
32
T2
TD
CT
4
1:200
TH1
110
PT1
50K
R31
33R
1W
R37
10K
C44
10nF
NTC4
47K
+5V
TMP1
R68
1K
R69
100K
K_
STTH102
STTH102
TP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com