Electronic Components Datasheet Search
  English  ▼

X  

AN2383 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 14Page - STMicroelectronics AN2383 Datasheet HTML 15Page - STMicroelectronics AN2383 Datasheet HTML 16Page - STMicroelectronics AN2383 Datasheet HTML 17Page - STMicroelectronics AN2383 Datasheet HTML 18Page - STMicroelectronics AN2383 Datasheet HTML 19Page - STMicroelectronics AN2383 Datasheet HTML 20Page - STMicroelectronics AN2383 Datasheet HTML 21Page - STMicroelectronics AN2383 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Measurements at 50 Hz
AN2383
18/39
Doc ID 12433 Rev 3
5.4
Working level 1
Figure 10.
System working at level 1
As soon as the pot is detected, the system moves to level 1, the lowest power working level.
The PWM signal applied changes accordingly. The lower the working level, the higher the
PWM frequency applied to the half-bridge driver, and vice-versa.
I-CTRL signal is an image of the current flowing through the plate and is sent to the MCU by
the current transformer placed in series with the plate.
With the system working properly, there must be a certain current flowing through the plate,
as the I-CTRL waveform shows in Figure 10. Even if we are talking about current, the
waveform unit is expressed in volts and processed by the MCU as a voltage level.
The waveform shown in Figure 10 was taken while a 22 cm-diameter iron pot filled with
water was placed on the plate.
MAINS
VLINK
ZVS
I - CTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com