Electronic Components Datasheet Search
  English  ▼

X  

AN2383 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 10Page - STMicroelectronics AN2383 Datasheet HTML 11Page - STMicroelectronics AN2383 Datasheet HTML 12Page - STMicroelectronics AN2383 Datasheet HTML 13Page - STMicroelectronics AN2383 Datasheet HTML 14Page - STMicroelectronics AN2383 Datasheet HTML 15Page - STMicroelectronics AN2383 Datasheet HTML 16Page - STMicroelectronics AN2383 Datasheet HTML 17Page - STMicroelectronics AN2383 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
How the system works
AN2383
14/39
Doc ID 12433 Rev 3
4
How the system works
4.1
Standby (system off)
As soon as the induction cooking system is plugged into the mains, the system is running
and the MCU goes into standby mode, or put simply, “system off”.
No controls or actions are taken, only the keyboard is scanned to capture a “button pressed”
event. The display shows "-".
In this status, putting or removing a pot from the plate has no impact on the system
functionality. The safety relay contacts are open, so no DC link voltage is applied to the
resonant tank.
4.2
System on
The system is turned on by pressing the on-off button (the first on the left in the user
interface).
Each time it is switched on the induction cooking system performs a sequence: safety relay
first, then plate power-on. The safety relay contacts close, which applies the DC link voltage
to the resonant tank.
At this point, the system temporarily powers-on the plate: a 60 kHz PWM signal is applied to
the half-bridge driver for half a second. During this time, if a pot is placed on the plate, or it is
there already, the system moves to the lowest operating power level, shown as "1" in the
user interface display. If however, no pot is detected on the plate, the system stops the PWM
signal. Another power-on sequence is performed after 10 seconds. After 5 unsuccessful
power-on sequences, the system goes back to standby mode.
When the PWM signal is applied to the half-bridge driver, the decimal point in the user
interface display turns on.
Once a pot is detected, the user can move through 9 working power levels by pressing the
buttons on the user interface. 1 is the lowest level, and 9 is the maximum.
4.3
Safety relay and fan management
The safety relay prevents the DC link voltage from being applied to the resonant tank when
the system is off. The relay contacts are connected in series with the plate, and they close
when the system is turned on. To prevent oscillation or undesired relay commutations, an
anti-bounce software routine is implemented. The relay turns off when the system turns off.
The fan helps the heatsink dissipate the heat while the system is working. It is turned on as
soon as the heatsink temperature reaches 55 °C. The fan stays on for at least one minute,
whether the system is on or in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com