Electronic Components Datasheet Search
  English  ▼

X  

AN2383 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 12Page - STMicroelectronics AN2383 Datasheet HTML 13Page - STMicroelectronics AN2383 Datasheet HTML 14Page - STMicroelectronics AN2383 Datasheet HTML 15Page - STMicroelectronics AN2383 Datasheet HTML 16Page - STMicroelectronics AN2383 Datasheet HTML 17Page - STMicroelectronics AN2383 Datasheet HTML 18Page - STMicroelectronics AN2383 Datasheet HTML 19Page - STMicroelectronics AN2383 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Measurements at 50 Hz
AN2383
16/39
Doc ID 12433 Rev 3
5.2
Powering the plate (without pot)
Figure 8.
Plate power-on (without pot on the plate)
The DC link voltage is applied to the plate and the PWM signal is applied to the half-bridge
driver for half a second. Due to the resonant tank consumption, a voltage drop appears on
the VLINK signal. The voltage drop is read by the MCU to detect if a pot is present on the
plate.
No pot is on the plate, so the voltage drop is not big enough to exceed the pot detection
threshold (PDT), set by software at 500 mV. The PWM signal is stopped, and the powering
sequence is repeated after a break of 10 seconds.
Powering the plate continuously in order to detect a pot would result in an increase in power
consumption. However, no parts would burn or be damaged. The break of 10 seconds
between one powering sequence and another reduces power consumption while keeping
full functionality and pot control.
MAINS
VLINK
ZVS
I - CTRL
PDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com