Electronic Components Datasheet Search
  English  ▼

X  

AN2383 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 15Page - STMicroelectronics AN2383 Datasheet HTML 16Page - STMicroelectronics AN2383 Datasheet HTML 17Page - STMicroelectronics AN2383 Datasheet HTML 18Page - STMicroelectronics AN2383 Datasheet HTML 19Page - STMicroelectronics AN2383 Datasheet HTML 20Page - STMicroelectronics AN2383 Datasheet HTML 21Page - STMicroelectronics AN2383 Datasheet HTML 22Page - STMicroelectronics AN2383 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
AN2383
Measurements at 50 Hz
Doc ID 12433 Rev 3
19/39
5.5
Working level 9
Figure 11.
System working at level 9
At level 9, the system delivers the maximum output power. I-CTRL rises accordingly.
The waveform shown in Figure 11 was taken while a 22 cm-diameter iron pot filled with
water was placed on the plate.
5.6
Real-time current adjustment
As seen, the induction cooking system works on the principle of a series L-C resonant
circuit. When the size of L and C are set, the resonant frequency is set as well.
Unfortunately, this value does not depend only on the resonant tank. In fact, the size and
material of the pot affect the resonant frequency too. This causes the system to have an
oscillating resonant frequency strongly dependent on the type of pot placed on the plate at
different times.
Therefore the 9 working levels cannot be based on constant frequency levels. The PWM
frequency must be adjusted to the selected level in order to work with the pot placed on the
plate at that moment.
So each working level does not work on a constant PWM frequency, but a constant current.
By reading the I-CTRL feedback signal, the MCU smoothly adjusts the PWM frequency in
order to keep the current constant for the selected working level. Each level has a
corresponding constant value of current.
MAINS
VLINK
ZVS
I - CTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com