Electronic Components Datasheet Search
  English  ▼

X  

AN2383 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 26Page - STMicroelectronics AN2383 Datasheet HTML 27Page - STMicroelectronics AN2383 Datasheet HTML 28Page - STMicroelectronics AN2383 Datasheet HTML 29Page - STMicroelectronics AN2383 Datasheet HTML 30Page - STMicroelectronics AN2383 Datasheet HTML 31Page - STMicroelectronics AN2383 Datasheet HTML 32Page - STMicroelectronics AN2383 Datasheet HTML 33Page - STMicroelectronics AN2383 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Thermal conditions
AN2383
30/39
Doc ID 12433 Rev 3
10
Thermal conditions
The induction cooking system described in this document can deliver up to 2500 W at its
maximum working level.
The IGBTs need to be mounted on a heatsink, as does the power diode bridge.
Tests performed in laboratory conditions demonstrate that even when delivering the
maximum power for a long duration, the temperature of the components does not exceed
the safe working area. The board was placed in an open space without an enclosure.
In a real application, the board would be placed inside a box. And, to save space, the plate
is usually placed over the circuitry. Therefore, the heat dissipated by the heatsink has no
easy way out, and the cooking process worsens the thermal conditions. The heatsink is no
longer sufficient to dissipate the heat. For this reason, a fan is implemented in the system
which is driven directly by the MCU.
Tests have demonstrated that while delivering the maximum power, the temperature
reaches a stable value below 90 °C, which can still be considered safe.
The fan starts as soon as the temperature on the heatsink reaches 55 °C. The fan stays on
for at least one minute, whether the system is on or in standby mode.
Fan management can be modified by software. An NTC mounted directly on the heatsink,
between the IGBTs, improves control efficiency. Working as a thermostat controlled by an
MCU, the sensor turns the fan on or off when necessary.
Any increase in the induction cooking system performance (for example, if higher output
power is required), would result mainly in adapting the cooling system, resizing the heatsink,
using a more powerful fan, or all three.
The system itself is capable of handling up to 3000 watts of power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com