Electronic Components Datasheet Search
  English  ▼

X  

AN2867 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2867
Description  Oscillator design guide for STM8S
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2867 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2867 Datasheet HTML 3Page - STMicroelectronics AN2867 Datasheet HTML 4Page - STMicroelectronics AN2867 Datasheet HTML 5Page - STMicroelectronics AN2867 Datasheet HTML 6Page - STMicroelectronics AN2867 Datasheet HTML 7Page - STMicroelectronics AN2867 Datasheet HTML 8Page - STMicroelectronics AN2867 Datasheet HTML 9Page - STMicroelectronics AN2867 Datasheet HTML 10Page - STMicroelectronics AN2867 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
DocID15287 Rev 9
7/41
AN2867
Quartz crystal properties and model
40
Fs is the series resonant frequency when the impedance Z = 0. Its expression can be
deduced from equation (1) as follows:
(2)
Fa is the anti-resonant frequency when impedance Z tends to infinity. Using equation (1), it
is expressed as follows:
(3)
The region delimited by Fs and Fa is usually called the area of parallel resonance (shaded
area in Figure 2). In this region, the crystal operates in parallel resonance and behaves as
an inductance that adds an additional phase equal to 180 ° in the loop. Its frequency Fp (or
FL: load frequency) has the following expression:
(4)
From equation (4), it appears that the oscillation frequency of the crystal can be tuned by
varying CL load capacitance. This is why in their datasheets, crystal manufacturers indicate
the exact CL required to make the crystal oscillate at the nominal frequency.
Table 2 gives an example of equivalent crystal circuit component values to have a nominal
frequency of 8 MHz.
Using equations (2), (3) and (4) we can determine Fs, Fa and Fp of this crystal:
and
.
If the load capacitance CL at the crystal electrodes is equal to 10 pF, the crystal will oscillate
at the following frequency:
.
To have an oscillation frequency of exactly 8 MHz, CL should be equal to 4.02 pF.
Table 2. Example of equivalent circuit parameters
Equivalent component
Value
Rm
8
Ω
Lm
14.7 mH
Cm
0.027 pF
C0
5.57 pF
Fs
1
2
π LmCm
------------------------------
=
Fa Fs 1
Cm
C0
---------
+
=
Fp Fs 1
Cm
2C0 CL
+
()
------------------------------
+



=
Fs
7988768 Hz
=
Fa
8008102 Hz
=
Fp
7995695 Hz
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com