Electronic Components Datasheet Search
  English  ▼

X  

AN2867 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2867
Description  Oscillator design guide for STM8S
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2867 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2867 Datasheet HTML 14Page - STMicroelectronics AN2867 Datasheet HTML 15Page - STMicroelectronics AN2867 Datasheet HTML 16Page - STMicroelectronics AN2867 Datasheet HTML 17Page - STMicroelectronics AN2867 Datasheet HTML 18Page - STMicroelectronics AN2867 Datasheet HTML 19Page - STMicroelectronics AN2867 Datasheet HTML 20Page - STMicroelectronics AN2867 Datasheet HTML 21Page - STMicroelectronics AN2867 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Pierce oscillator design
AN2867
18/41
DocID15287 Rev 9
± 5% of their nominal value. From crystal point of view, the two load capacitors are mounted
in series which means that their contribution to the CL is (CL1 = CL2)/2. As CL1 equals CL2,
the tolerance on their contribution to CL remains the same and is equal to ± 5%. Now if we
consider that all the remaining contributors to the CL are maintained to their nominal values
at design stage (to assess the frequency shift magnitude induced only by load capacitor
tolerances), then the load capacitance seen by the crystal (CL) will either decrease by
0.175 pF or increase by the same value. This will induce an oscillation shift of:
The above example shows that the lower the pullability, the lower the impact of small load
capacitance deviation on the frequency shifting. Crystal pullability is an important factor
when defining the final application PPM budget.
Where
Cm is the crystal motional capacitance
C0 is the crystal shunt capacitance
CL is the crystal nominal load capacitance
Next sections give a more detailed description on how to calibrate the oscillation frequency
and how to estimate the final accuracy uncertainty (PPM) budget.
3.8
Safety factor
3.8.1
Definition
Resonators (such as crystal resonators) are well known to undergo aging effects. They
manifest themselves over time in a deviation of resonator parameters from their initial
values defined by the resonator specifications. Among the affected parameters there is the
resonator ESR which value depends on the surrounding environmental conditions such as
moisture and temperature.
The oscillator transconductance also depends on the microcontroller power supply voltage
and on the temperature.
The safety factor parameter allows to qualify the oscillator safe operation under the
operating conditions and during the application life. It measures the ability of the oscillator
not to fail under operating conditions.
The safety factor is defined as the ratio between the oscillator negative resistance and the
resonator ESR. It is given by the below formula:
0.175 pF 45 PPM/pF
×
~7.8 PPM (~0.7 s/day for a time-keeping function such as RTC)
=
Pullability PPM pF
⁄
()
Cm
6
×10
2C0 CL
+
()
2
×
--------------------------------------
=
Sf
Oscillator negative resistance
Crystal ESR
------------------------------------------------------------------------------
RADD Crystal ESR
+
Crystal ESR
---------------------------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com