Electronic Components Datasheet Search
  English  ▼

X  

AN2867 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2867
Description  Oscillator design guide for STM8S
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2867 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2867 Datasheet HTML 8Page - STMicroelectronics AN2867 Datasheet HTML 9Page - STMicroelectronics AN2867 Datasheet HTML 10Page - STMicroelectronics AN2867 Datasheet HTML 11Page - STMicroelectronics AN2867 Datasheet HTML 12Page - STMicroelectronics AN2867 Datasheet HTML 13Page - STMicroelectronics AN2867 Datasheet HTML 14Page - STMicroelectronics AN2867 Datasheet HTML 15Page - STMicroelectronics AN2867 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Pierce oscillator design
AN2867
12/41
DocID15287 Rev 9
3.2
RF feedback resistor
In most STMicroelectronics microcontrollers, RF is embedded in the oscillator circuitry. Its
role is to make the inverter act as an amplifier. The feedback resistor is connected between
Vin and Vout so as to bias the amplifier at Vout = Vin and force it to operate in the linear region
(shaded area in Figure 6). The amplifier amplifies the noise (for example, the thermal noise
of the crystal) within the range of serial to parallel frequency (Fa, Fa). This noise causes the
oscillations to start up. In some cases, if RF is removed after the oscillations have stabilized,
the oscillator continues to operate normally.
Figure 6. Inverter transfer function
Table 3 provides typical values of RF.
Table 3. Typical feedback resistor values for given frequencies
Frequency
Feedback resistor range
32.768 kHz
10 to 25 M
Ω
1 MHz
5 to 10 M
Ω
10 MHz
1 to 5 M
Ω
20 MHz
470 k
Ω to 5 MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com