Electronic Components Datasheet Search
  English  ▼

X  

AN2867 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2867
Description  Oscillator design guide for STM8S
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2867 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2867 Datasheet HTML 4Page - STMicroelectronics AN2867 Datasheet HTML 5Page - STMicroelectronics AN2867 Datasheet HTML 6Page - STMicroelectronics AN2867 Datasheet HTML 7Page - STMicroelectronics AN2867 Datasheet HTML 8Page - STMicroelectronics AN2867 Datasheet HTML 9Page - STMicroelectronics AN2867 Datasheet HTML 10Page - STMicroelectronics AN2867 Datasheet HTML 11Page - STMicroelectronics AN2867 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Oscillator theory
AN2867
8/41
DocID15287 Rev 9
2
Oscillator theory
Oscillators are one of the backbone components of modern digital ICs. They can be
classified into different sub-families depending on their topology and operating principles. To
each oscillator sub-family corresponds a more suitable mathematical model that can be
used to study the oscillator behavior and theoretically determine its performance.
This section deals only with harmonic oscillators (relaxation oscillators are not within the
scope of this application note) with a particular focus on Pierce-oscillator topology (see
Section 3: Pierce oscillator design for details). This restricted scope is due to the fact that all
the oscillators embedded in STM32 microcontrollers covered by this document that require
external passive components (external resonator, load capacitors, etc.) are of the previously
mentioned type and topology.
The harmonic oscillator family can be divided into two main sub-families:
•
Negative-resistance oscillators
•
Positive-feedback oscillators.
These two sub-families of oscillators are similar for what regards the output waveform. They
deliver an oscillating waveform at the desired frequency. This waveform is typically
composed of a fundamental sine-waveform at the desired frequency plus a sum of overtone
harmonics (at frequencies multiple of the fundamental one) due to the nonlinearity of some
components of the oscillation loop.
These two sub-families differ in their operating principles. This difference also implies a
different mathematical model to describe and analyze each sub-family.
Positive-feedback oscillators are generally modeled using the famous Barkhausen model
where an oscillator should fulfill the Barkhausen criterion to be able to maintain a stable
oscillation at the desired frequency.
Negative-resistance oscillators could be described by the Barkhausen model. However this
approach is not adequate. The most suitable approach to analyze a negative-resistance
oscillator is by using the negative-resistance model as described in E. Vittoz’s paper ([1]).
Since STM32 low-speed external (LSE) oscillator and high-speed external (HSE) oscillators
were both designed following the negative-resistance principle, this section focuses on the
presentation of the negative-resistance model.
2.1
Negative resistance
Theoretically speaking, a negative resistance would be a dipole that absorbs heat and
converts the energy into an electrical current proportional to the applied voltage but flowing
in the opposite direction (exactly the opposite mechanism of an electrical resistance). In the
real word such a dipole does not exist.
In fact the term “negative resistance” is a misnomer of the “negative transresistance” which
is defined by the ratio of a given voltage variation (∆V) divided by the induced current
variation (∆I). Unlike the resistance which is always positive, the transresistance (also
known as differential resistance) can be either positive or negative. Figure 3 gives the
current-voltage curve for a dipole that shows a negative transresistance region. It is obvious
that the V/I ratio is always positive. However this is not the case for the ∆V/∆I ratio
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com