Electronic Components Datasheet Search
  English  ▼

X  

AN2867 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2867
Description  Oscillator design guide for STM8S
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2867 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2867 Datasheet HTML 15Page - STMicroelectronics AN2867 Datasheet HTML 16Page - STMicroelectronics AN2867 Datasheet HTML 17Page - STMicroelectronics AN2867 Datasheet HTML 18Page - STMicroelectronics AN2867 Datasheet HTML 19Page - STMicroelectronics AN2867 Datasheet HTML 20Page - STMicroelectronics AN2867 Datasheet HTML 21Page - STMicroelectronics AN2867 Datasheet HTML 22Page - STMicroelectronics AN2867 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
DocID15287 Rev 9
19/41
AN2867
Pierce oscillator design
40
3.8.2
Measurement methodology
To measure the oscillator negative resistance, a resistance is added in series with the
resonator as described in Figure 8.
The oscillator negative resistance is the value of smallest series resistance that will prevent
the oscillator from starting up successfully.
In practice, this is achieved by conducting several experiments in which the value of the
series resistance is slightly increased compared to the previous experiment. This sequence
of experiments should stop when the oscillator is not able to start up correctly. This allows
determining the oscillator negative resistance which is equal to the value of the added series
resistance.
Figure 8. Negative resistance measurement methodology description
3.8.3
Safety factor for STM32 and STM8 oscillators
Table 4 gives a summary of the safety factors for the oscillators embedded in STM32 and
STM8 microcontrollers. It should be noted that for the LSE oscillator, the oscillation is
considered safe for a safety factor higher than or equal to x3, while for the HSE oscillator,
the oscillation is considered safe starting from a safety factor higher than or equal to x5.
Table 4. Safety Factor (Sf) for STM32 and STM8 oscillators(1)
1. Safe and very safe oscillations are shown in green while not safe oscillation is show in orange.
Safety Factor (Sf)
Assurance level
HSE
LSE
Sf ≥ 5
Safe
Very Safe
3 ≤ Sf < 5
Not Safe
Safe
Sf < 3
Not Safe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com