Electronic Components Datasheet Search
  English  ▼

X  

LT1185 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1185
Description  Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1185 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1185 Datasheet HTML 3Page - Linear Technology LT1185 Datasheet HTML 4Page - Linear Technology LT1185 Datasheet HTML 5Page - Linear Technology LT1185 Datasheet HTML 6Page - Linear Technology LT1185 Datasheet HTML 7Page - Linear Technology LT1185 Datasheet HTML 8Page - Linear Technology LT1185 Datasheet HTML 9Page - Linear Technology LT1185 Datasheet HTML 10Page - Linear Technology LT1185 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1185
1185ff
Large output capacitors (electrolytic or solid tantalum)
will not cause the LT1185 to oscillate, but they will cause
a damped “ringing” at light load currents where the ESR
of the capacitor is several orders of magnitude lower than
the load resistance. This ringing only occurs as a result of
transient load or line conditions and normally causes no
problems because of its low amplitude (
≤25mV).
Heat Sinking
The LT1185 will normally be used with a heat sink. The size
of the heat sink is determined by load current, input and
output voltage, ambient temperature, and the thermal
resistance of the regulator, junction-to-case (
θJC). The
LT1185 has two separate values for
θJC: one for the power
transistor section, and a second, lower value for the
control section. The reason for two values is that the
power transistor is capable of operating at higher continu-
ous temperature than the control circuitry. At low power
levels, the two areas are at nearly the same temperature,
and maximum temperature is limited by the control area.
At high power levels, the power transistor will be at a
significantly higher temperature than the control area
and its maximum operating temperature will be the
limiting factor.
To calculate heat sink requirements, you must solve a
thermal resistance formula twice, one for the power
transistor and one for the control area. The
lowest value
obtained for heat sink thermal resistance must be used. In
these equations, two values for maximum junction tem-
perature and junction-to-case thermal resistance are used,
as given in Electrical Specifications.
Example: A commercial version of the LT1185 in the
TO-220 package is to be used with a maximum ambient
temperature of 60
°C. Output voltage is 5V at 2A. Input
voltage can vary from 6V to 10V. Assume an interface
resistance of 1
°C/W.
First solve for control area, where the maximum junction
temperature is 125
°C for the TO-220 package, and
θJC = 1°C/W:
Next, solve for power transistor limitation, with
TJMAX = 150°C, θJC = 3°C/W:
The lowest number must be used, so heat sink resistance
must be less than 4.2
°C/W.
Some heat sink data sheets show graphs of heat sink
temperature rise vs power dissipation instead of listing a
value for thermal resistance. The formula for
θHS can be
rearranged to solve for maximum heat sink temperature
rise:
∆THS = TJMAX – TAMAX – P(θJC + θCHS)
Using numbers from the previous example:
∆THS = 125°C – 60 – 10.5(1 + 1) = 44°C control
section
∆THS = 150°C – 60 – 10.5(3 + 1) = 48°C power
transistor
The smallest rise must be used, so heat sink temperature
rise must be less than 44
°C at a power level of 10.5W.
For board level applications, where heat sink size may be
critical, one is often tempted to use a heat sink which
barely meets the requirements. This is permissible
if
correct assumptions were made concerning maximum
ambient temperature and power levels. One complicating
P = (10V – 5V) (2A) + 2A
40
(10V) = 10.5W
θHS = 125°C – 60°C
10.5W
– 1
°C/W – 1°C/W = 4.2°C/W
θHS =
150 – 60
10.5
– 3 – 1 = 4.6
°C/W
θHS =
(TJMAX – TAMAX)
P
–
θJC – θCHS.
θHS = Maximum heat sink thermal resistance
θJC = LT1185 junction-to-case thermal resistance
θCHS = Case-to-heat sink (interface) thermal
resistance, including any insulating washers
TJMAX = LT1185 maximum operating junction
temperature
TAMAX = Maximum ambient temperature in
customers application
P = Device dissipaton
= (VIN – VOUT) (IOUT) +
IOUT
40
(VIN)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com