Electronic Components Datasheet Search
  English  ▼

X  

LT1185 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1185
Description  Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1185 Datasheet(HTML) 5 Page - Linear Technology

  LT1185 Datasheet HTML 1Page - Linear Technology LT1185 Datasheet HTML 2Page - Linear Technology LT1185 Datasheet HTML 3Page - Linear Technology LT1185 Datasheet HTML 4Page - Linear Technology LT1185 Datasheet HTML 5Page - Linear Technology LT1185 Datasheet HTML 6Page - Linear Technology LT1185 Datasheet HTML 7Page - Linear Technology LT1185 Datasheet HTML 8Page - Linear Technology LT1185 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1185
1185ff
Block Diagram
A simplified block diagram of the LT1185 is shown in
Figure 1. A 2.37V bandgap reference is used to bias the
input of the error amplifier A1, and the reference amplifier
A2. A1 feeds a triple NPN pass transistor stage which has
the two driver collectors tied to ground so that the main
pass transistor can completely saturate. This topology
normally has a problem with unlimited current in Q1 and
Q2 when the input voltage is less than the minimum
required to create a regulated output. The standard “fix”
for this problem is to insert a resistor in series with Q1 and
Q2 collectors, but this resistor must be low enough in
value to supply full base current for Q3 under worst-case
Figure 1. Block Diagram
300mV
I1
2
µA
R1
350
Ω
200mV
D2
D4
D3
–
+
A5
–
+
A4
–
+
A3
VIN
R2
0.055
Ω
–
+
A1
A2
VREF
2.37V
VOUT
FB
GND
RLIM (EXTERNAL)
REF
D1
LT1185 • BD
Q1
Q2
Q3
Q4
conditions, resulting in very high supply current when the
input voltage is low. To avoid this situation, the LT1185
uses an auxiliary emitter on Q3 to create a drive limiting
feedback loop which automatically adjusts the drive to Q1
so that the base drive to Q3 is just enough to saturate Q3,
but no more. Under saturation conditions, the auxiliary
emitter is acting like a collector to shunt away the output
current of A1. When the input voltage is high enough to
keep Q3 out of saturation, the auxiliary emitter current
drops to zero even when Q3 is conducting full load current.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com