Electronic Components Datasheet Search
  English  ▼

X  

LT1185 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1185
Description  Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1185 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1185 Datasheet HTML 2Page - Linear Technology LT1185 Datasheet HTML 3Page - Linear Technology LT1185 Datasheet HTML 4Page - Linear Technology LT1185 Datasheet HTML 5Page - Linear Technology LT1185 Datasheet HTML 6Page - Linear Technology LT1185 Datasheet HTML 7Page - Linear Technology LT1185 Datasheet HTML 8Page - Linear Technology LT1185 Datasheet HTML 9Page - Linear Technology LT1185 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1185
1185ff
Amplifier A2 is used to generate an internal current through
Q4 when an external resistor is connected from the REF
pin to ground. This current is equal to 2.37V divided by
RLIM. It generates a current limit sense voltage across R1.
The regulator will current limit via A4 when the voltage
across R2 is equal to the voltage across R1. These two
resistors essentially form a current “amplifier” with a gain
of 350/0.055 = 6,360. Good temperature drift is inherent
because R1 and R2 are made from the same diffusions.
Their ratio, not absolute value, determines current limit.
Initial accuracy is enhanced by trimming R1 slightly at
wafer level. Current limit is equal to 15k
Ω/RLIM.
D1 and I1 are used to guarantee regulator shutdown when
REF pin current drops below 2
µA. A current less than 2µA
through Q4 causes the +input of A5 to go low and shut
down the regulator via D2.
A3 is an internal current limit amplifier which can override
the external current limit. It provides “goof proof” protec-
tion for the pass transistor. Although not shown, A3 has
a nonlinear foldback characteristic at input-output volt-
ages above 12V to guarantee safe area protection for Q3.
See the graph, Internal Current Limit in the Typical Perfor-
mance Characteristics of this data sheet.
Setting Output Voltage
The LT1185 output voltage is set by two external resistors
(see Figure 2). Internal reference voltage is trimmed to
2.37V so that a standard 1% 2.37k resistor (R1) can be
used to set divider current at 1mA. R2 is then selected
from:
for R1 = 2.37k and VREF = 2.37V, this reduces to:
R2 = VOUT – 2.37k
suggested values of 1% resistors are shown.
VOUT
R2 WHEN R1 = 2.37k
5V
2.67k
5.2V
2.87k
6V
3.65k
12V
9.76k
15V
12.7k
Output Capacitor
The LT1185 has a collector output NPN pass transistor,
which makes the open-loop output impedance much
higher than an emitter follower. Open-loop gain is a direct
function of load impedance, and causes a main-loop
“pole” to be created by the output capacitor, in addition to
an internal pole in the error amplifier. To ensure loop
stability, the output capacitor must have an ESR (effective
series resistance) which has an upper limit of 2
Ω, and a
lower limit of 0.2 divided by the capacitance in
µF. A 2µF
output capacitor, for instance, should have a maximum
ESR of 2
Ω, and a minimum of 0.2/2 = 0.1Ω. These values
are easily encompassed by standard solid tantalum
capacitors, but occasionally a solid tantalum unit will have
abnormally high ESR, especially at very low tempera-
tures. The suggested 2
µF value shown in the circuit
applications should be increased to 4.7
µF for –40°C and
–55
°C designs if the 2µF units cannot be guaranteed to
stay below 2
Ω at these temperatures.
Although solid tantalum capacitors are suggested, other
types can be used if they meet the ESR requirements.
Standard aluminum electrolytic capacitors need to be
upward of 25
µF in general to hold 2Ω maximum ESR,
especially at low temperatures. Ceramic, plastic film, and
monolithic capacitors have a problem with ESR being too
low. These types should have a 1
Ω carbon resistor in
series to guarantee loop stability.
The output capacitor should be located close to the regu-
lator (
≤3") to avoid excessive impedance due to lead
inductance. A six inch lead length (2 • 3") will generate an
extra 0.8
Ω inductive reactance at 1MHz, and unity-gain
frequency can be up to that value.
For remote sense applications, the capacitor should still be
located close to the regulator. Additional capacitance can
be added at the remote sense point, but the remote
capacitor must be at least 2
µF solid tantalum. It cannot be
a low ESR type like ceramic or mylar unless a 0.5
Ω to 1Ω
carbon resistor is added in series with the capacitor. Logic
boards with multiple low ESR bypass capacitors should
have a solid tantalum unit added in parallel whose value is
approximately five times the combined value of low ESR
capacitors.
R2 =
(VOUT – 2.37) R1
VREF
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com