Electronic Components Datasheet Search
  English  ▼

X  

LT1185 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1185
Description  Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1185 Datasheet(HTML) 2 Page - Linear Technology

  LT1185 Datasheet HTML 1Page - Linear Technology LT1185 Datasheet HTML 2Page - Linear Technology LT1185 Datasheet HTML 3Page - Linear Technology LT1185 Datasheet HTML 4Page - Linear Technology LT1185 Datasheet HTML 5Page - Linear Technology LT1185 Datasheet HTML 6Page - Linear Technology LT1185 Datasheet HTML 7Page - Linear Technology LT1185 Datasheet HTML 8Page - Linear Technology LT1185 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1185
1185ff
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
2
4
1
3
GND
FB
REF
VIN (CASE)
VOUT
K PACKAGE
4-LEAD TO-3 METAL CAN
BOTTOM VIEW
ORDER PART
NUMBER
LT1185MK
ORDER PART
NUMBER
LT1185CT
LT1185IT
θJC MAX = 2.5°C/W, θJA = 50°C/W
T PACKAGE
5-LEAD PLASTIC TO-220
REF
VOUT
VIN
FB
GND
FRONT VIEW
TAB IS VIN
5
4
3
2
1
θJC MAX = 2.5°C/W, θJA = 35°C/W
*See Application Section for details on calculating Operation Junction Temperature
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
OBSOLETE PACKAGE
ORDER PART
NUMBER
LT1185CQ
LT1185IQ
TJMAX = 150°C, θJA = 30°C/W
Q PACKAGE
5-LEAD PLASTIC DD
FRONT VIEW
TAB
IS
VIN
REF
VOUT
VIN
FB
GND
5
4
3
2
1
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage (At FB Pin)
2.37
V
Reference Voltage Tolerance (At FB Pin) (Note 2)
VIN – VOUT = 5V, VOUT = VREF
0.3
±1%
1mA
≤ IOUT ≤ 3A
●
1
±2.5
%
VIN – VOUT = 1.2V to VIN = 30V
P
≤ 25W (Note 6), VOUT = 5V
TMIN ≤ TJ ≤ TMAX (Note 9)
Feedback Pin Bias Current
VOUT = VREF
●
0.7
2
µA
Droput Voltage (Note 3)
IOUT = 0.5A, VOUT = 5V
0.20
0.37
V
IOUT = 3A, VOUT = 5V
0.67
1.00
V
The
● denotes specifications which apply over the operating temperature range, otherwise specifications are at TA = 25°C.
Adjustable version, VIN = 7.4V, VOUT = 5V, IOUT = 1mA, RLIM = 4.02k, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Input Voltage .......................................................... 35V
Input-Output Differential ......................................... 30V
FB Voltage ................................................................ 7V
REF Voltage .............................................................. 7V
Output Voltage ........................................................ 30V
Output Reverse Voltage ............................................ 2V
Operating Ambient Temperature Range
LT1185C ............................................... 0
°C to 70°C
LT1185I ............................................. – 40
°C to 85°C
LT1185M (OBSOLETE) .................... – 55
°C to 125°C
Operating Junction Temperature Range*
Control Section
LT1185C ............................................. 0
°C to 125°C
LT1185I .......................................... – 40
°C to 125°C
LT1185M (OBSOLETE) ................... – 55
°C to 150°C
Power Transistor Section
LT1185C ............................................. 0
°C to 150°C
LT1185I .......................................... – 40
°C to 150°C
LT1185M (OBSOLETE) ................... – 55
°C to 175°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................ 300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com