Electronic Components Datasheet Search
  English  ▼

X  

LT1185 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1185
Description  Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1185 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1185 Datasheet HTML 5Page - Linear Technology LT1185 Datasheet HTML 6Page - Linear Technology LT1185 Datasheet HTML 7Page - Linear Technology LT1185 Datasheet HTML 8Page - Linear Technology LT1185 Datasheet HTML 9Page - Linear Technology LT1185 Datasheet HTML 10Page - Linear Technology LT1185 Datasheet HTML 11Page - Linear Technology LT1185 Datasheet HTML 12Page - Linear Technology LT1185 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1185
1185ff
APPLICATIO S I FOR ATIO
Figure 3. Shutdown Techniques
RLIM
†
4k
+
–
VIN
R6
30k
R7
2.4k
†
R1
R2
VOUT
+
Q1
2N3906
*
LT1185 • F3a
*CMOS LOGIC
†FOR HIGHER VALUES OF RLIM, MAKE R7 = (RLIM)(0.6)
5V
R5
300k
+
REF
GND
FB
VOUT
VIN
LT1185
5V Logic, Positive Regulated Output
5V Logic, Negative Regulated Output
RLIM
–
LT1185 • F03b
REF
GND
FB
VOUT
LT1185
VIN
R4
33k
5V
“HI” = OUTPUT “OFF”
3 EA 1N4148
VIN
Q1
2N3906
for remote sense applications, they may need to be con-
sidered. Ground lead resistance of 0.4
Ω would cause an
output voltage error of up to (3A/40)(0.4
Ω) = 30mV, or
0.6% at VOUT = 5V. Note that if the sense leads are
connected as shown in Figure 2, with ra ≈ 0Ω, this error is
a fixed number of millivolts, and does not increase as a
function of DC output voltage.
Shutdown Techniques
The LT1185 can be shut down by open-circuiting the REF
pin. The current flowing into this pin must be less than
0.4
µA to guarantee shutdown. Figure 3 details several
ways to create the “open” condition, with various logic
levels. For variations on these schemes, simply remember
that the voltage on the REF pin is 2.4V negative with
respect to the ground pin.
Output Overshoot
Very high input voltage slew rate during start-up may
cause the LT1185 output to overshoot. Up to 20% over-
shoot could occur with input voltage ramp-up rate exceed-
ing 1V/
µs. This condition cannot occur with normal 50Hz
to 400Hz rectified AC inputs because parasitic resistance
and inductance will limit rate of rise even if the power
switch is closed at the peak of the AC line voltage. This
assumes that the switch is in the AC portion of the circuit.
If instead, a switch is placed directly in the regulator input
so that a large filter capacitor is precharged, fast input slew
rates will occur on switch closure. The output of the
regulator will slew at a rate set by current limit and output
capacitor size; dVdt = ILIM/COUT. With ILIM = 3.6A and COUT
= 2.2
µF, the output will slew at 1.6V/µs and overshoot can
occur. This overshoot can be reduced to a few hundred
millivolts or less by increasing the output capacitor to
10
µF and/or reducing current limit so that output slew rate
is held below 0.5V/
µs.
A second possibility for creating output overshoot is
recovery from an output short. Again, the output slews at
a rate set by current limit and output capacitance. To avoid
overshoot, the ratio ILIM/COUT should be less than
0.5
× 106. Remember that load capacitance can be added
to COUT for this calculation. Many loads will have multiple
supply bypass capacitors that total more than COUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com