Electronic Components Datasheet Search
  English  ▼

X  

LT1185 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1185
Description  Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1185 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1185 Datasheet HTML 7Page - Linear Technology LT1185 Datasheet HTML 8Page - Linear Technology LT1185 Datasheet HTML 9Page - Linear Technology LT1185 Datasheet HTML 10Page - Linear Technology LT1185 Datasheet HTML 11Page - Linear Technology LT1185 Datasheet HTML 12Page - Linear Technology LT1185 Datasheet HTML 13Page - Linear Technology LT1185 Datasheet HTML 14Page - Linear Technology LT1185 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1185
1185ff
Foldback Current Limiting
–
LT1185 • TA03a
VIN
R4
5.36k
R3
15k
Q1
2N3906
R1
2.37k
+
–
2
µF
TANT
REF
GND
FB
VOUT
LT1185
VIN
+
VOUT
2
µF
TANT
R2
2.61k
+
+
Auxiliary + 12V Low Dropout Regulator for Switching Supply
IOUT
0.6
0.8
1.0
LT1185 • TA03b
0.4
0.2
0
1.2
1.4
1.6
ISHORT-CIRCUIT =
15k
R3
+
IFULL LOAD =
15k
R3
10.8k
R4
LT1185 • TA04
RLIM
R1
2.37k
R2
9.76k
12V
REGULATED
AUXILIARY
5V
MAIN
OUTPUT
*
*
5V
CONTROL
PRIMARY
*DIODE CONNECTION INDICATES A FLYBACK
SWITCHING TOPOLOGY, BUT FORWARD
CONVERTERS MAY ALSO BE USED
+
+
+
REF
GND
FB
VOUT
VIN
LT1185
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com