Electronic Components Datasheet Search
  English  ▼

X  

LTC3125 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3125
Description  1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3125 Datasheet(HTML) 1 Page - Linear Technology

  LTC3125 Datasheet HTML 1Page - Linear Technology LTC3125 Datasheet HTML 2Page - Linear Technology LTC3125 Datasheet HTML 3Page - Linear Technology LTC3125 Datasheet HTML 4Page - Linear Technology LTC3125 Datasheet HTML 5Page - Linear Technology LTC3125 Datasheet HTML 6Page - Linear Technology LTC3125 Datasheet HTML 7Page - Linear Technology LTC3125 Datasheet HTML 8Page - Linear Technology LTC3125 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC3125
1
3125fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
1.2A Synchronous Step-Up
DC/DC Converter with
Input Current Limit
The LTC
®3125 is a high efficiency, synchronous step-up
DC/DC converter with an accurate programmable average
input current limit. The resistor programmable average
input current limit is 5% accurate at 500mA and is suitable
for a wide variety of applications. In mobile computing,
GSM and GPRS cards demand high current pulses well
beyond the capability of the PC Card and CompactFlash
slots. The LTC3125 in concert with a reservoir capacitor,
keeps the slot power safely within its capabilities providing
a high performance and simple solution.
Synchronous rectification produces high efficiency while
the 1.6MHz switching frequency minimizes the solution
footprint. The current mode PWM design is internally com-
pensated. Output disconnect allows the load to discharge in
shutdown, while also providing inrush current limiting.
Other features include a <1μA shutdown current, short-
circuit and thermal overload protection. The LTC3125 is
offered in a low profile 0.75mm
× 2mm × 3mm package.
PCMCIA/CompactFlash (3.3V/500mA Max),
4V GSM Pulsed Load
n Programmable Average Input Current Limit
n 5% Input Current Accuracy
n 200mA to 1000mA Program Range
n VIN: 1.8V to 5.5V, VOUT: 2V to 5.25V
n Supports High Current GSM/GPRS Load Burst
n VIN > VOUT Operation
n 1.6MHz Fixed Frequency Operation
n Internal Current Sense Resistor
n 1.2A Peak Current Limit
n Up to 93% Efficiency
n Output Disconnect in Shutdown
n Soft-Start
n Low Quiescent Current Burst Mode
® Operation
n Available in 2mm
× 3mm × 0.75mm DFN Package
n GSM/GPRS PCMCIA/CompactFlash PC Card Modems
n Wireless Emergency Locators
n Portable Radios
n Supercap Chargers
L, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
CS
2.2μH
LTC3125
GND
VIN
1.24M
2200μF
2
TANT
10μF
CER
VOUT
4V
2A PULSED LOAD
VIN
3.3V
500mA
536k
3125 TA01a
SHDN
PROG
VOUT
FB
44.2k
SW
OFF ON
Efficiency vs Load Current
LOAD CURRENT (A)
0.001
40
50
60
70
80
0.01
0.1
1
3125 TA01b
30
20
10
0
90
100
0.1
0.01
0.001
1
VOUT = 4V
VIN = 3.3V
VIN = 2.4V


Similar Part No. - LTC3125

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
LTC3125EDCB-PBF LINER-LTC3125EDCB-PBF Datasheet
297Kb / 16P
1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
LTC3125EDCB-TRPBF LINER-LTC3125EDCB-TRPBF Datasheet
297Kb / 16P
1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
More results

Similar Description - LTC3125

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2703 NSC-LM2703 Datasheet
307Kb / 11P
Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2705 NSC-LM2705 Datasheet
367Kb / 11P
Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2705 NSC-LM2705_07 Datasheet
322Kb / 12P
Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Linear Technology
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
LTC3606B LINER-LTC3606B Datasheet
319Kb / 20P
800mA Synchronous Step-Down DC/DC with Average Input Current Limit
logo
Silicon Standard Corp.
SS6612 SSC-SS6612 Datasheet
618Kb / 16P
High-Efficiency Synchronous Step-up DC/DC Converter with Selectable Current Limit
logo
Linear Technology
LTC3619B LINER-LTC3619B Datasheet
492Kb / 20P
400mA/800mA Synchronous Step-Down DC/DC with Average Input Current Limit
logo
Texas Instruments
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
Linear Technology
LTC3606B LINER-LTC3606B_15 Datasheet
351Kb / 20P
800mA Synchronous Step-Down DC/DC with Average Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com