Electronic Components Datasheet Search
  English  ▼

X  

LTC3125 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3125
Description  1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3125 Datasheet(HTML) 2 Page - Linear Technology

  LTC3125 Datasheet HTML 1Page - Linear Technology LTC3125 Datasheet HTML 2Page - Linear Technology LTC3125 Datasheet HTML 3Page - Linear Technology LTC3125 Datasheet HTML 4Page - Linear Technology LTC3125 Datasheet HTML 5Page - Linear Technology LTC3125 Datasheet HTML 6Page - Linear Technology LTC3125 Datasheet HTML 7Page - Linear Technology LTC3125 Datasheet HTML 8Page - Linear Technology LTC3125 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC3125
2
3125fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, VOUT Voltage ......................................... –0.3V to 6V
SW Voltage .................................................. –0.3V to 6V
SW Voltage < 100ns .................................... –0.3V to 7V
All Other Pins ............................................... –0.3V to 6V
Operating Junction Temperature Range
(Notes 2, 5)............................................ –40°C to 125°C
Junction Temperature ........................................... 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
TOP VIEW
SW
VOUT
SHDN
CS
GND
FB
PROG
VIN
DCB PACKAGE
8-LEAD (2mm
3mm) PLASTIC DFN
9
3
4
2
1
6
5
7
8
TJMAX = 125°C, θJA = 64°C/W (NOTE 6)
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
1.8
5.5
V
Minimum Start-Up Voltage
l
1.6
1.8
V
Output Voltage Adjust Range
l
2
5.25
V
Feedback Voltage
l
1.176
1.200
1.229
V
Feedback Input Current
150
nA
Quiescent Current—Shutdown
VSHDN = 0V, Not Including Switch Leakage, VOUT = 0V
0.01
1
μA
Quiescent Current—Active
Measured on VOUT, Nonswitching
300
500
μA
Quiescent Current—Burst
VIN = VOUT = 3.3V, Measured on VIN, FB ≥ 1.230V,
Nonswitching
15
25
μA
N-Channel MOSFET Switch Leakage
VSW = 5V, VIN = 5V
0.1
10
μA
P-Channel MOSFET Switch Leakage
VSW = 5V, VOUT = 0V, VIN = 5V
0.1
20
μA
N-Channel MOSFET Switch On-Resistance
VOUT = 3.3V
0.125
Ω
P-Channel MOSFET Switch On-Resistance
VOUT = 3.3V
0.200
Ω
N-Channel MOSFET Current Limit
l
1.2
1.8
A
Current Limit Delay to Output
(Note 3)
60
ns
Average Input Current Limit
RPROG = 44.2k
RPROG = 44.2k, (Note 4)
l
475
465
500
500
525
535
mA
mA
The
l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, VOUT = 4.5V unless otherwise noted (Note 2).
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3125EDCB#PBF
LTC3125EDCB#TRPBF
LDGY
8-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com