Electronic Components Datasheet Search
  English  ▼

X  

LTC3125 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3125
Description  1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3125 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3125 Datasheet HTML 2Page - Linear Technology LTC3125 Datasheet HTML 3Page - Linear Technology LTC3125 Datasheet HTML 4Page - Linear Technology LTC3125 Datasheet HTML 5Page - Linear Technology LTC3125 Datasheet HTML 6Page - Linear Technology LTC3125 Datasheet HTML 7Page - Linear Technology LTC3125 Datasheet HTML 8Page - Linear Technology LTC3125 Datasheet HTML 9Page - Linear Technology LTC3125 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC3125
6
3125fa
PIN FUNCTIONS
GND (Pin 1, Exposed Pad Pin 9): Ground. The exposed
pad must be soldered to the PCB ground plane for electrical
connection and for rated thermal performance.
FB (Pin 2): Feedback Input to the Error Amplifier. Connect
the resistor divider tap to this pin. The top of the divider
connects to VOUT and the bottom of the divider connects
to GND. The output voltage can be adjusted from 1.8V
to 5.25V.
PROG (Pin 3): Programming Input for Average Input Cur-
rent. This pin should be connected to ground through an
external resistor (RPROG) to set input average current limit
threshold. Refer to the Component Selection section in
Applications Information for details on selecting RPROG.
VIN (Pin 4): Input Voltage. The device is powered from VIN
until VOUT exceeds VIN. Once VOUT is greater than (VIN +
0.25V), the device is powered from VOUT. Place a ceramic
bypass capacitor from VIN to GND. A minimum value of
1μF is recommended. Also connects to CS through 60mΩ
internal sense resistor.
CS (Pin 5): Current Sense Resistor Connection Point.
Connect the inductor directly to CS. An internal 60mΩ
sense resistor is connected between CS and VIN.
SHDN (Pin 6): Logic Controlled Shutdown Input. Bringing
this pin above 1V enables the part, forcing this pin below
0.35V disables the part.
VOUT (Pin 7): Output Voltage Sense and the Output of the
Synchronous Rectifier. Connect the output filter capacitor
from VOUT to GND, close to the IC. A minimum value of
150μF is recommended. Due to the output disconnect
feature, VOUT is disconnected from VIN when SHDN is low.
SW (Pin 8): Switch Pin. Connect an inductor from this
pin to CS. An internal anti-ringing resistor is connected
across SW and CS after the inductor current has dropped
near zero.
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C unless otherwise noted)
VOUT and IIN During Soft-Start
VOUT
2V/DIV
SHDN
5V/DIV
INPUT
CURRENT
200mA/DIV
2s/DIV
VIN = 3.3V
VOUT = 4.5V
COUT = 1F
L = 2.7μH
3125 G20
Efficiency vs VIN
VIN (V)
2
50
60
65
70
75
80
85
3
4
3125 G21
90
95
100
55
5
ILOAD = 200mA
VOUT = 3.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com