Electronic Components Datasheet Search
  English  ▼

X  

LTC3125 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3125
Description  1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3125 Datasheet(HTML) 4 Page - Linear Technology

  LTC3125 Datasheet HTML 1Page - Linear Technology LTC3125 Datasheet HTML 2Page - Linear Technology LTC3125 Datasheet HTML 3Page - Linear Technology LTC3125 Datasheet HTML 4Page - Linear Technology LTC3125 Datasheet HTML 5Page - Linear Technology LTC3125 Datasheet HTML 6Page - Linear Technology LTC3125 Datasheet HTML 7Page - Linear Technology LTC3125 Datasheet HTML 8Page - Linear Technology LTC3125 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTC3125
4
3125fa
Burst Mode Threshold Current
vs VIN
Oscillator Frequency vs VOUT
Efficiency vs Load Current,
VOUT = 5V
Average Input Current Limit vs VIN
Average Input Current Limit
vs Temperature
Average Input Current vs RPROG
Peak Current Limit vs VIN
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C unless otherwise noted)
No-Load Input Current vs VIN
Burst Mode Threshold Current
vs VIN
VIN (V)
1.5
–0.5
0
0.5
3.0
4.0
3125 G05
–1.0
–1.5
–2.0
2.0
2.5
3.5
1.0
1.5
2.0
NORMALIZED TO 25°C
4.5
TEMPERATURE (°C)
–50
–1.50
–1.00
–0.50
0
0.50
1.50
–25
025
50
3125 G06
75
100
1.00
NORMALIZED TO 25°C
VIN (V)
1.5
2.15
2.45
2.50
2.55
3
4
4.5
3125 G08
2.05
2.35
2.25
2.10
2.40
2.00
2.30
2.20
2
2.5
3.5
5
5.5
VOUT = 3.8V
RPROG = 0Ω
VOUT (V)
2.0
–8
–7
–5
–4
–3
2
–1
2.5
3.5
4.0
3125 G11
–6
0
1
–2
3.0
4.5
5.0
NORMALIZED TO VOUT = 3.3V
LOAD CURRENT (A)
0.001
40
50
60
70
80
0.01
0.1
1
3125 G03
30
20
10
0
90
100
0.1
0.01
0.001
1
VIN = 4V
VIN = 3.3V
VIN (V)
1.5
1.5
2.0
2.5
3
4
3125 G04
1.0
0.5
0
2
2.5
3.5
3.0
3.5
4.0
VOUT = 4V
VOUT = 2.5V
VOUT = 3.8V
VOUT = 3.3V
RPROG (kΩ)
10 20 30 40 50
70 80 90 100
0
0.25
0.50
0.75
1.00
60
110
3125 G07
1.25
VIN (V)
1.8
30
40
2.6
3125 G09
20
10
2.0
2.2
2.4
2.8
50
VOUT = 3.3V
COUT = 1500μF
L = 2.2μH
VIN (V)
1.8
20
25
30
35
40
45
50
1.9
2.0
2.1
2.2
3125 G10
VOUT = 2.5V
COUT = 1500μF
L = 2.2μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com