Electronic Components Datasheet Search
  English  ▼

X  

LTC3125 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3125
Description  1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3125 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3125 Datasheet HTML 9Page - Linear Technology LTC3125 Datasheet HTML 10Page - Linear Technology LTC3125 Datasheet HTML 11Page - Linear Technology LTC3125 Datasheet HTML 12Page - Linear Technology LTC3125 Datasheet HTML 13Page - Linear Technology LTC3125 Datasheet HTML 14Page - Linear Technology LTC3125 Datasheet HTML 15Page - Linear Technology LTC3125 Datasheet HTML 16Page - Linear Technology LTC3125 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC3125
13
3125fa
PC Card (3.3V/1000mA Maximum) 4.5V Output, GPRS, Class 10 Pulsed Load
CS
2.7μH*
LTC3125
GND
VIN
2.74M
2200μF**
3
55mΩ
TANT
10μF
CER
VOUT
4.5V, 2A PULSED LOAD
(1154μs PW, 4.6ms PERIOD)
VIN
PC CARD VCC
3.3V ±10%
1000mA MAX
1M
3125 TA04a
SHDN
PROG
VOUT
FB
22.6k
SW
OFF ON
*WURTH 7440420027
**VISHAY 592D228X6R3X220H
Waveforms of Input Current,
VOUT for Pulsed Load Current
VOUT
100mV/DIV
INPUT CURRENT
500mA/DIV
LOAD CURRENT
2A/DIV
1ms/DIV
VIN = 3.3V
VOUT = 4.5V
COUT = 6.6mF
L = 2.7μH
RPROG = 22.6k
3125 TA04b
Single Supercap Charger
CS
2.2μH*
LTC3125
GND
VIN
1.07M
SC**
10F
60mΩ
10μF
CER
VOUT
2.5V
VIN
3.3V ±10%
1000mA MAX
1M
3125 TA05a
SHDN
PROG
VOUT
FB
22.6k
SW
OFF ON
*COILTRONICS SD3118-2R2-R
**COOPER B1325-2R5106-R
Waveforms of Input Current,
VOUT for Pulsed Load Current
VOUT
500mV/DIV
INPUT CURRENT
500mA/DIV
LOAD CURRENT
1A/DIV
200ms/DIV
VIN = 3.3V
VOUT = 2.5V
COUT = 10F
L = 2.2μH
RPROG = 22.6k
3125 TA05b
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com