Electronic Components Datasheet Search
  English  ▼

X  

LTC3125 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3125
Description  1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3125 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3125 Datasheet HTML 10Page - Linear Technology LTC3125 Datasheet HTML 11Page - Linear Technology LTC3125 Datasheet HTML 12Page - Linear Technology LTC3125 Datasheet HTML 13Page - Linear Technology LTC3125 Datasheet HTML 14Page - Linear Technology LTC3125 Datasheet HTML 15Page - Linear Technology LTC3125 Datasheet HTML 16Page - Linear Technology LTC3125 Datasheet HTML 17Page - Linear Technology LTC3125 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC3125
18
3125fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2008
LT 1210 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC3127
1A Buck-Boost Converter with Programmable Input Current
Limit
96% Efficiency, ±4% Accurate Average Input Current Limit,
VIN: 1.8V to 5.5V, VOUT = 1.8V to 5.25V, IQ = 35μA, DFN Package
LTC3421
3A (ISW), 3MHz, Synchronous Step-Up DC/DC Converter with
Output Disconnect
94% Efficiency, VIN: 0.85V to 4.5V, VOUT(MAX) = 5.25V,
IQ = 12μA, ISD < 1μA, 4mm × 4mm QFN24 Package
LTC3422
1.5A (ISW), 3MHz Synchronous Step-Up DC/DC Converter with
Output Disconnect
94% Efficiency, VIN: 0.85V to 4.5V, VOUT(MAX) = 5.25V,
IQ = 25μA, ISD < 1μA, 3mm × 3mm DFN10 Package
LTC3459
80mA (ISW), Synchronous Step-Up DC/DC Converter
92% Efficiency, VIN: 1.5V to 5.5V, VOUT(MAX) = 10V, IQ = 10μA,
ISD < 1μA, ThinSOT Package
LTC3523/LTC3523-2
600mA (ISW), Step-Up and 400MHz Synchronous Step-Down
1.2MHz/2.4MHz DC/DC Converter with Output Disconnect
94% Efficiency VIN: 1.8V to 5.5V, VOUT(MAX) = 5.25V, IQ = 45μA,
ISD < 1μA, 3mm × 3mm QFN16 Package
LTC3525-3/
LTC3525-3.3/
LTC3525-5
400mA (ISW), Micropower Synchronous Step-Up DC/DC
Converter with Output Disconnect
94% Efficiency, VIN: 0.85V to 4V, VOUT(MAX) = 5V, IQ = 7μA,
ISD < 1μA, SC-70 Package
LTC3526/LTC3526L
LTC3526B
500mA (ISW), 1MHz Synchronous Step-Up DC/DC Converter
with Output Disconnect
94% Efficiency VIN: 0.85V to 5V, VOUT(MAX) = 5.25V, IQ = 9μA, ISD
< 1μA, 2mm
× 2mm DFN6 Package
LTC3527/LTC3527-1
Dual 800mA/400mA (ISW), 2.2MHz Synchronous Step-Up
DC/DC Converter with Output Disconnect
94% Efficiency VIN: 0.7V to 5V, VOUT(MAX) = 5.25V, IQ = 12μA, ISD
< 1μA, 3mm
× 3mm QFN16 Package
LTC3528/LTC3528B
1A (ISW), 1MHz Synchronous Step-Up DC/DC Converter with
Output Disconnect
94% Efficiency VIN: 0.7V to 5.5V, VOUT(MAX) = 5.25V, IQ = 12μA,
ISD < 1μA, 2mm × 3mm DFN8 Package
LTC3537
600mA (ISW), 2.2MHz Synchronous Step-Up DC/DC Converter
with Output Disconnect and 100mA LDO
94% Efficiency VIN: 0.7V to 5V, VOUT(MAX) = 5.25V, IQ = 30μA,
ISD < 1μA, 3mm × 3mm QFN16 Package
LTC3539/LTC3539-2
2A (ISW), 1MHz, 2.2MHz Synchronous Step-Up DC/DC
Converter with Output Disconnect
94% Efficiency, VIN: 0.7V to 5V, VOUT(MAX) = 5.25V,
IQ = 10μA, ISD < 1μA, 2mm × 3mm DFN Package
PC Card or CompactFlash (3.3V/500mA Maximum) 4.5V Output,
GSM Pulsed Load
CS
2.2μH*
LTC3125
GND
VIN
2.74M
2200μF**
×2
55mΩ
TANT
10μF
CER
VOUT
4.5V, 2A PULSED LOAD
(577μs PW, 4.6ms PERIOD)
VIN
PC CARD VCC
3.3V ±10%
500mA MAX
1M
*COILTRONICS SD3118-2R2-R
**VISHAY 592D228X6R3X220H
3125 TA02a
SHDN
PROG
VOUT
FB
44.2k
SW
OFF ON
Waveforms of Input Current, VOUT for Pulsed Load Current
VOUT
100mV/DIV
INPUT CURRENT
200mA/DIV
LOAD CURRENT
2A/DIV
1ms/DIV
VIN = 3.3V
VOUT = 4.5V
COUT = 4.4mF
L = 2.2μH
RPROG = 44.2k
3125 TA02b
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com