Electronic Components Datasheet Search
  English  ▼

X  

UM0290 Datasheet(PDF) 71 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 67Page - STMicroelectronics UM0290 Datasheet HTML 68Page - STMicroelectronics UM0290 Datasheet HTML 69Page - STMicroelectronics UM0290 Datasheet HTML 70Page - STMicroelectronics UM0290 Datasheet HTML 71Page - STMicroelectronics UM0290 Datasheet HTML 72Page - STMicroelectronics UM0290 Datasheet HTML 73Page - STMicroelectronics UM0290 Datasheet HTML 74Page - STMicroelectronics UM0290 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
UM0290
USB voice demos
71/76
Table 24.
Configuration descriptor
Field
Value
Description
bLength
0x09
Size of this descriptor in bytes
bDescriptortype
0x02
Descriptor type (Configuration descriptor)
wTotalLength
0x64
Total length (in bytes) of the returned data
by this descriptor (including interfaces
endpoints descriptors)
bNumInterfaces
0x0002
Number of interfaces supported by this
configuration (two interfaces)
bConfigurationValue
0x01
Configuration value
iConfiguration
0x00
Index of the Configuration String descriptor
bmAttributes
0x80
Configuration characteristics:
Bus powered
Maxpower
0x32
Maximum power consumption through
USB bus: 100 mA
Table 25.
Interface descriptors
Field
Value
Description
USB microphone standard interface AC descriptor
(Interface 0, Alternate Setting 0)
bLength
0x09
Size of this descriptor in bytes
bDescriptortype
0x04
Descriptor type: Interface descriptor
bInterfaceNumber
0x00
Interface number
bAlternateSetting
0x00
Alternate setting number
bNumEndpoints
0x00
Number of used endpoints: 0 (only
endpoint 0 is used for this interface)
bInterfaceClass
0x01
Interface class: USB DEVICE CLASS
AUDIO
bInterfaceSubClass
0x01
Interface sub class: AUDIO SUBCLASS
AUDIOCONTROL
bInterfaceProtocol
0x00
Interface protocol: AUDIO PROTOCOL
UNDEFINED
iInterface
0x00
Index of the interface String descriptor
USB microphone class-specific AC interface descriptor
bLength
0x09
Size of this descriptor in bytes
bDescriptortype
0x24
Descriptor type: AUDIO INTERFACE
DESCRIPTOR TYPE
bDescriptorSubtype
0x01
Descriptor Subtype: AUDIO CONTROL
HEADER
bcdADC
0x0100
bcdADC :1.00
wTotalLength
0x001E
Total Length: 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com