Electronic Components Datasheet Search
  English  ▼

X  

UM0290 Datasheet(PDF) 72 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 68Page - STMicroelectronics UM0290 Datasheet HTML 69Page - STMicroelectronics UM0290 Datasheet HTML 70Page - STMicroelectronics UM0290 Datasheet HTML 71Page - STMicroelectronics UM0290 Datasheet HTML 72Page - STMicroelectronics UM0290 Datasheet HTML 73Page - STMicroelectronics UM0290 Datasheet HTML 74Page - STMicroelectronics UM0290 Datasheet HTML 75Page - STMicroelectronics UM0290 Datasheet HTML 76Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
USB voice demos
UM0290
72/76
bInCollection
0x01
Number of streaming interfaces : 1
baInterfaceNr
0x01
baInterfaceNr: 1
USB microphone input terminal descriptor
bLength
0x0C
Size of this descriptor in bytes: 12
bDescriptortype
0x24
Descriptor type: AUDIO INTERFACE
DESCRIPTOR TYPE
bDescriptorSubtype
0x02
DescriptorSubtype: AUDIO CONTROL
INPUT TERMINAL
bTerminalID
0x01
Terminal ID: 1
wTerminalType
0x0201
Terminal Type: USB MICROPHONE
bAssocTerminal
0x00
No association
bNrChannels
0x01
One channel
wChannelConfig
0x0000
Channel Configuration: MONO
iChannelNames
0x00
Unused
iTerminal
0x00
Unused
USB microphone output terminal descriptor
bLength
0x09
Size of this descriptor in bytes
bDescriptortype
0x24
Descriptor type: AUDIO INTERFACE
DESCRIPTOR TYPE
bDescriptorSubtype
0x03
Descriptor Subtype: AUDIO CONTROL
OUTPUT TERMINAL
bUnitID
0x02
Unit ID: 2
wTerminalType
0x0101
AUDIO_USB_STREAMING
bAssocTerminal
0x00
Unused
bSourceID
0x01
Source ID: 1
iTerminal
0x00
Unused
USB microphone standard AS interface descriptor - audio streaming zero bandwidth
(Interface 1, Alternate Setting 0)
bLength
0x09
Size of this descriptor in bytes
bDescriptortype
0x24
Descriptor type: AUDIO INTERFACE
DESCRIPTOR TYPE
bInterfaceNumber
0x01
Interface Number: 1
bAlternateSetting
0x00
Alternate Setting: 0
bNumEndpoints
0x00
Not used (zero bandwidth)
bInterfaceClass
0x01
Interface Class: USB DEVICE CLASS
AUDIO
Table 25.
Interface descriptors (continued)
Field
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com