Electronic Components Datasheet Search
  English  ▼

X  

UM0290 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 8Page - STMicroelectronics UM0290 Datasheet HTML 9Page - STMicroelectronics UM0290 Datasheet HTML 10Page - STMicroelectronics UM0290 Datasheet HTML 11Page - STMicroelectronics UM0290 Datasheet HTML 12Page - STMicroelectronics UM0290 Datasheet HTML 13Page - STMicroelectronics UM0290 Datasheet HTML 14Page - STMicroelectronics UM0290 Datasheet HTML 15Page - STMicroelectronics UM0290 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
STR7/STR9 USB firmware library
UM0290
12/76
Note:
In unlinked mode the DMA interface doesn’t mask/clear any CTR_TX/CTR_RX interrupt
(the CPU is responsible for this task).
–
IN Endpoint:
In unlinked mode only three endpoints can be mapped on the DMA channel using
the following functions:
void DMAUnlinkedModeTxConfig(u8 bEpNum ,u8 index):configure a IN
endpoint to use the DMA in unlinked mode.
bEpNum = Endpoint number: 0 to 9.
index
= Endpoint index: 0,1 or 2.
void DMAUnlinkedModeTxEnable(u8 index):Enable a IN Endpoint to
trigger Tx DMA request.
index
= Endpoint index: 0,1 or 2.
void DMAUnlinkedModeTxDisable(u8 index):Disable the trigger Tx DMA
request for the IN Endpoint.
index
= Endpoint index: 0,1 or 2.
–
OUT Endpoint
In unlinked mode up to 10 endpoints can be mapped in the DMA channel using
the following functions:
void DMAUnlinkedModeRxEnable(u8 bEpNum): Enable a OUT Endpoint to
trigger OUT DMA request.
bEpNum = Endpoint number: 0 to 9.
void DMAUnlinkedModeRxDisable(u8 bEpNum): Disable the trigger Rx
DMA request for the OUT Endpoint.
bEpNum = Endpoint number: 0 to 9.
b)
DMA Linked Mode Functions
In this mode only a single endpoint can be mapped on the DMA channel (Tx/Rx).
The DMA can prepare linked lists (LLI) in order to manage multiple data packet
transfer without CPU intervention at the end of the single data packet transfer. The
DMA interface provides transfer requests to the DMA controller until the LLI is
completed. The CPU is only responsible for configuring the linked lists (descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com