Electronic Components Datasheet Search
  English  ▼

X  

UM0290 Datasheet(PDF) 42 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 38Page - STMicroelectronics UM0290 Datasheet HTML 39Page - STMicroelectronics UM0290 Datasheet HTML 40Page - STMicroelectronics UM0290 Datasheet HTML 41Page - STMicroelectronics UM0290 Datasheet HTML 42Page - STMicroelectronics UM0290 Datasheet HTML 43Page - STMicroelectronics UM0290 Datasheet HTML 44Page - STMicroelectronics UM0290 Datasheet HTML 45Page - STMicroelectronics UM0290 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
Mass storage demo
UM0290
42/76
Figure 10.
BOT state machine
5.2.2
Small Computer System Interface (SCSI)
The SCSI command set is designed to provide efficient peer-to-peer operation of SCSI
device like, for example, desks, tapes and Mass Storage devices. In other words these are
used to ensure the communication between the SCSI device and an operating system in a
PC host.
Table shows the SCSI command for removable devices.
Ready
Command
transport
CBW
Status
transport
CSW
Data IN
(to the host)
Data OUT
(from the host)
Table 14.
SCSI Command Set(1)
Command Name
OpCode
Command
Support
Description
Reference
Inquiry
0x12
M
Get device information
SPC-2
Read Format
Capacities
0x23
M
Report current media capacity and
formattable capacities supported by
media
SPC-2
Mode Sense (6)
0x1A
M
Report parameters to the host
SPC-2
Mode Sense (10)
M
Report parameters to the host
SPC-2
Prevent\ Allow
Medium Removal
0x1E
M
Prevent or allow the removal of media
from a removable media device
SPC-2
Read (10)
0x28
M
Transfer binary data from the media to the
host
RBC
Read Capacity (10)
0x25
M
Report current media capacity
RBC
Request Sense
0x03
O
Transfer status sense data to the host
SPC-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com